Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPA60R48D3318C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # WPA60R48D3318C
Description  60 Watt Dual Output Quarter Brick DC/DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WPA60R48D3318C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  WPA60R48D3318C Datasheet HTML 1Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 2Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 3Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 4Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 5Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 6Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 7Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 8Page - Murata Power Solutions Inc. WPA60R48D3318C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
WPA60R48DC
REV A: RoHS
08/2006
Product: www.cd4power.com
SPECIFICATIONS, ALL MODELS
Specifications are at T
A
= +25°C, Airflow = 300LFM (1.5m/s) at nominal input voltage unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
Vin = 48V, Io=I Rated
36
48
75
VDC
Reflected Ripple Current
675
mApk-pk
INPUT CONTROL
Temperature Shutdown
PCB
120
°C
Temperature Hysteresis
5
°C
Quiescent Standby Current
Vin = 48VDC
8
10
mA
Undervoltage Lockout
32.5
V
Undervoltage Shutdown
2
V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISOLATION
Rated Voltage
2000
VDC
Resistance
10
M
Capacitance
1000
pF
Leakage Current
240 VAC
90
Arms
OUTPUT
Rated Power
60
W
Voltage Setpoint Accuracy
±1.5
%
Temperature Coefficient
±0.005
% /°C
Output Voltage
(Over all conditions of I/P voltage
V1
2
% of Nom
load & temperature)
V2
8
% of Nom
Ripple & Noise (NOTE 1)
BW = 5Hz to 20MHz
90
mVp-p
Output Adjust Range
Trim Up
8
%
Trim Down
5
%
Short Circuit and
Overcurrent Protection
120
%
Max Capacitive Load
10,000
F
Overvoltage Protection
15
%
GENERAL
Switching Frequency
350
KHz
MTTF per ML-HDBK-217
Circuit Stress Method
Ground Benign
TA = +25° Unmodified Database
1,000,000
Hr
Package Weight
30
g
TEMPERATURE
Operation/Specification
PCB Temperature
-40
+100
°C
Storage
PCBTemperature
-55
+125
°C
Shutdown Temperature
PCB Temperature
+120
°C
NOTE 1: Measured at 20 MHz bandwidth across a 6 f multi layer ceramic capacitor located approximately 1” from output terminals.
SPECIFICATIONS
Specifications are at T
A
= +25°C, Airflow = 300LFM (1.5m/s) at nominal input voltage unless otherwise specified.
MIN
YP
10
1000
90
ge
voltag
age unless oth
th
90
y
age
put voltage unless othe
T
TYP
Y
2000
2000
240 VAC
240 VAC
Contac
t Fa
ctor
y for
Replac
ement
Model
Mode
cem
Repl
tact
nt M
Con
10
C
ep
t


Similar Part No. - WPA60R48D3318C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPA60R48D3318 CANDD-WPA60R48D3318 Datasheet
179Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
More results

Similar Description - WPA60R48D3318C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VSX60XD35 CANDD-VSX60XD35 Datasheet
158Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
WPA60 CANDD-WPA60 Datasheet
179Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
VSX75MD35C MURATA-PS-VSX75MD35C Datasheet
262Kb / 6P
   75 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX50MD23 CANDD-VSX50MD23 Datasheet
682Kb / 5P
   50 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX75MD35 CANDD-VSX75MD35 Datasheet
658Kb / 5P
   75 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Artesyn Technologies
ADQ500-48S12-6L ARTESYN-ADQ500-48S12-6L Datasheet
606Kb / 3P
   500 Watt Quarter Brick DC-DC Converter
AVQ200-36S12-6L ARTESYN-AVQ200-36S12-6L Datasheet
504Kb / 3P
   200 Watt Quarter Brick DC-DC Converter
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com