Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AS11 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN54AS11
Description  TRIPLE 3-INPUT POSITIVE-AND GATES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS11 Datasheet(HTML) 4 Page - Texas Instruments

  SN54AS11 Datasheet HTML 1Page - Texas Instruments SN54AS11 Datasheet HTML 2Page - Texas Instruments SN54AS11 Datasheet HTML 3Page - Texas Instruments SN54AS11 Datasheet HTML 4Page - Texas Instruments SN54AS11 Datasheet HTML 5Page - Texas Instruments SN54AS11 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN54ALS11A, SN54AS11, SN74ALS11A, SN74AS11
TRIPLE 3-INPUT POSITIVE-AND GATES
SDAS009C – MARCH 1984 – REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS11
SN74AS11
MIN
MAX
MIN
MAX
tPLH
ABor C
Y
1
6.5
1
6
ns
tPHL
A, B, or C
Y
1
6.5
1
5.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN54AS11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS11 TI-SN54AS11 Datasheet
660Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AS11 TI-SN54AS11 Datasheet
690Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AS11 TI1-SN54AS11 Datasheet
1Mb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AS11J TI-SN54AS11J Datasheet
660Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AS11J TI1-SN54AS11J Datasheet
1Mb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results

Similar Description - SN54AS11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV11A TI-SN54LV11A_08 Datasheet
505Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LV11A TI-SN54LV11A Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
54ACT11011 TI-54ACT11011 Datasheet
68Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11 Datasheet
521Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI-SN54HC11 Datasheet
518Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LS11 TI-SN54LS11 Datasheet
179Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI1-SN54HC11_15 Datasheet
878Kb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54F11 TI1-SN54F11_14 Datasheet
778Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74HC11 TI-SN74HC11_07 Datasheet
665Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11_07 Datasheet
695Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54ALS11A TI-SN54ALS11A_08 Datasheet
690Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com