Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPC03R12S15 Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # WPC03R12S15
Description  3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WPC03R12S15 Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  WPC03R12S15 Datasheet HTML 1Page - Murata Power Solutions Inc. WPC03R12S15 Datasheet HTML 2Page - Murata Power Solutions Inc. WPC03R12S15 Datasheet HTML 3Page - Murata Power Solutions Inc. WPC03R12S15 Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WPC03R
01/2009
Page 3
COMMON SPECIFICATIONS
Specifications typical at T
A=25°C, nominal input voltage, rated output current unless otherwise stated.
These devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under any circumstances.
The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave temperature of 260°C for a period of
no more than 10 seconds. Within this time and temperature range, the integrity of the device’s plastic body will not be compromised and internal temperatures
within the converter will not exceed 175°C. Care should be taken to control manual soldering limits identical to that of wave soldering.
THROUGH-HOLE SOLDERING INFORMATION
Parameter
Conditions
Min
Typ
Max
Units
Input
Voltage Range
9
12
18
Vdc
18
24
36
Vdc
34
48
72
Vdc
Reflected Ripple Current
50
mA p-p
Isolation
Safety Standards
Designed to meet requirements of
EN60950, EN41003 & UL1950
Rated Voltage
“L” Pinout
1500
Vdc
“E” Pinout
1000
Vdc
Test Voltage—60 Hz, 10 secs
“L” Pinout
1500
Vpk
“E” Pinout
1000
Vpk
Resistance
10
G
Capacitance
220
pF
Leakage Current
V
iso=240Vac, 60 Hz
30
Arms
Output
Rated Power
3
W
Voltage Setpoint Accuracy
+3.0
%
Temperature Coefficient
+0.02
%/°C
Line Regulation-singles
Low line to high line
+1.5%
%
Line Regulation-duals
Low line to high line
+1.5%
%
Load Regulation-singles
Min load to rated load
+2%
%
Load Regulation-duals
Min load to rated load
+2%
%
Ripple & Noise
BW=5 Hz to 20 MHz
50
100
mV p-p
General
Switching Frequency
Variable Frequency Min - Max
70
225
kHz
MTTF per MIL-HDBK-217, Rev F
TA=25°
1,000,000
Hours
Weight
12
g
Temperature
Operation
-40
+85
°C
Storage
-55
+125
°C


Similar Part No. - WPC03R12S15

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPC03R12S15 CANDD-WPC03R12S15 Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results

Similar Description - WPC03R12S15

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
C&D Technologies
PWR72 CANDD-PWR72 Datasheet
23Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTERS
logo
GAPTEC Electronic GmbH ...
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
VRB2405LD-15WR3 MORNSUN-VRB2405LD-15WR3 Datasheet
3Mb / 8P
   15W, wide input, isolated & regulated DC/DC converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
Murata Power Solutions ...
WP06R MURATA-PS-WP06R Datasheet
184Kb / 4P
   5-6 Watt High Density, Wide Input Range DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com