Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPN20R12S03 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # WPN20R12S03
Description  20 Watt Regulated DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WPN20R12S03 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  WPN20R12S03 Datasheet HTML 1Page - Murata Power Solutions Inc. WPN20R12S03 Datasheet HTML 2Page - Murata Power Solutions Inc. WPN20R12S03 Datasheet HTML 3Page - Murata Power Solutions Inc. WPN20R12S03 Datasheet HTML 4Page - Murata Power Solutions Inc. WPN20R12S03 Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT SELECTION CHART
Specifications are at T
A = +25°C nominal input voltage, rated output current unless otherwise specified.
NOMINAL
RATED
OUTPUT CURRENT (A)
INPUT
INPUT
OUTPUT
MIN
NOM
CURRENT
EFFICIENCY
MODEL*
VOLTAGE (VDC)
VOLTAGE (VDC)
LOAD
LOAD
NOM LOAD
(%)
WPN20R12S03
12
3.3
0.0
6.00
2.00
82
WPN20R12S05
12
5.0
0.0
4.00
2.00
84
WPN20R12S12
12
12.0
0.0
1.66
2.00
86
WPN20R12S15
12
15.0
0.0
1.33
2.00
86
WPN20R12D05
12
±5.0
0.0
±2.00
2.00
84
WPN20R12D12
12
±12.0
0.0
±0.83
2.00
86
WPN20R12D15
12
±15.0
0.0
±0.67
2.00
86
WPN20R24S03
24
3.3
0.0
6.00
1.00
83
WPN20R24S05
24
5.0
0.0
4.00
1.00
84
WPN20R24S12
24
12.0
0.0
1.66
1.00
87
WPN20R24S15
24
15.0
0.0
1.33
1.00
87
WPN20R24D05
24
±5.0
0.0
±2.00
1.00
85
WPN20R24D12
24
±12.0
0.0
±0.83
1.00
87
WPN20R24D15
24
±15.0
0.0
±0.67
1.00
87
WPN20R48S03
48
3.3
0.0
6.00
0.50
83
WPN20R48S05
48
5.0
0.0
4.00
0.50
85
WPN20R48S12
48
12.0
0.0
1.66
0.50
88
WPN20R48S15
48
15.0
0.0
1.33
0.50
86
WPN20R48D05
48
±5.0
0.0
±2.00
0.50
85
WPN20R48D12
48
±12.0
0.0
±0.83
0.50
87
WPN20R48D15
48
±15.0
0.0
±0.67
0.50
87
Operating Temperature Range: -40°C to +115°C
Industry Standard Pinout
Input and Output Filtering
Low Profile Shell
Single and Dual Outputs
High Efficiency
Remote On/Off Function
Output Trim Function
Zero Load Operation
EN 60950, UL1950, C-UL, VDE Agency Approvals
FEATURES
The WPN20R series is a family of high performance DC/DC converters available in three
input voltage ranges of 9-18V, 18-36V and 33-75V. The unit is housed in a space saving
aluminum shell and combines low cost with high performance across all line and load conditions.
The 300kHz switching frequency and forward converter topology provide excellent performance
across all line and load conditions in a space saving package. Other features include: full
regulation down to zero load, under voltage lock-out, internal temperature shutdown, soft start,
remote on/off and over current protection.
An output trim feature is provided, allowing the user to compensate for long line lengths.
The WPN20R Series is assembled using a fully automated process incorporating 100% surface
mounted components for increased reliability.
Applications include: Telecom-munications, Battery Powered Systems, Process Control
Equipment, Transportation Equipment and Distributed Power Systems.
PRODUCT OVERVIEW
WPN20R.B01 Page 1 of 5
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
WPN20R
20 Watt Regulated DC/DC Converter
 
The WPN2
20R series is a familyy of high peerformancee DC/D
D
inpu
ut voltage rranges of 9-18V, 18-3
36V and 33
3-75V. The unit
PRO
ODUCT OV
VERVIEW
20
0 Watt R
Regu
u
OBSOLETE PRODUCT
Contact Factory for Replacement Model


Similar Part No. - WPN20R12S03

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN20R12S03 CANDD-WPN20R12S03 Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
More results

Similar Description - WPN20R12S03

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN20R CANDD-WPN20R Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
   9 WATT REGULATED DC/DC CONVERTER
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
HL01RYC MURATA-PS-HL01RYC Datasheet
125Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com