Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPN20R12S12 Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # WPN20R12S12
Description  20 Watt Regulated DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WPN20R12S12 Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  WPN20R12S12 Datasheet HTML 1Page - Murata Power Solutions Inc. WPN20R12S12 Datasheet HTML 2Page - Murata Power Solutions Inc. WPN20R12S12 Datasheet HTML 3Page - Murata Power Solutions Inc. WPN20R12S12 Datasheet HTML 4Page - Murata Power Solutions Inc. WPN20R12S12 Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
03/06/08
WPN20R.B01 Page 5 of 5
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
WPN20R
20 Watt Regulated DC/DC Converter
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Tucson (Az), Tel: (800) 547 2537, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED


Similar Part No. - WPN20R12S12

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN20R12S12 CANDD-WPN20R12S12 Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
logo
Murata Manufacturing Co...
WPN20R12S12C MURATA-WPN20R12S12C Datasheet
221Kb / 4P
   20W Regulated DC/DC Converter
More results

Similar Description - WPN20R12S12

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN20R CANDD-WPN20R Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
   9 WATT REGULATED DC/DC CONVERTER
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
HL01RYC MURATA-PS-HL01RYC Datasheet
125Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com