Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPN20R12D15 Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # WPN20R12D15
Description  20 Watt Regulated DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WPN20R12D15 Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  WPN20R12D15 Datasheet HTML 1Page - Murata Power Solutions Inc. WPN20R12D15 Datasheet HTML 2Page - Murata Power Solutions Inc. WPN20R12D15 Datasheet HTML 3Page - Murata Power Solutions Inc. WPN20R12D15 Datasheet HTML 4Page - Murata Power Solutions Inc. WPN20R12D15 Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SIMPLIFIED CIRCUIT DIAGRAM
MECHANICAL
NOTES:
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
Pin Placement: Tolerance: ±0.015
Marked with: specific model ordered, date code,
job code.
MATERIAL: Units are encapsulated in a low
thermal resistance molding compound which
has excellent chemical resistance, wide operat-
ing temperature range, and good electrical
properties under high humidity environments.
The encapsulant and outer shell of the unit have
UL94V-0 ratings. Lead material is phosphor
bronze; lead finish is matte Sn (100-300 micro-
inches) over Ni (5-40 microinches).
WPN20Rxxyzz
PIN SIDE DOWN
SIDE VIEW
PIN SIDE UP
0.425 + 0.00
(10.80 + 0.08)
0.150
(3.81)
0.040 + 0.002
(1.02 + 0.05)
0.015 + 0.003
(0.38 + 0.08)
1.990 + 0.005
(50.55 + 0.13)
1
2
3
4
5
6
7
8
Pin Function
Number
Singles
Duals
1
+VIN
+VIN
2
-VIN
-VIN
3
NO PIN
NO PIN
4
Remote On/Off
Remote On/Off
5
NO PIN
+VOUT
6
+VOUT
COMMON
7
-VOUT
-VOUT
8
TRIM
TRIM
PIN CONNECTIONS
HYSTERESIS GRAPH
HYSTERESIS GRAPH
Undervoltage Lockout Threshold Voltages
Nominal Input
Shutdown Low
Shutdown High
Voltage Range
Voltage (V1)
Voltage (V2)
OFF
ON
12
7
8.8
24
15.5
17
48
30
33
Specifications typical at TA=25°C, rated output current.
THERMAL DERATING CURVE
WPN20R.B01 Page 3 of 5
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
WPN20R
20 Watt Regulated DC/DC Converter


Similar Part No. - WPN20R12D15

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN20R12D15 CANDD-WPN20R12D15 Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
More results

Similar Description - WPN20R12D15

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN20R CANDD-WPN20R Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
   9 WATT REGULATED DC/DC CONVERTER
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
HL01RYC MURATA-PS-HL01RYC Datasheet
125Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com