Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VZS-2776L1 Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # VZS-2776L1
Description  Compact Medium Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZS-2776L1 Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  VZS-2776L1 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZS-2776L1 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4.0 - 10.0 GHz
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT 234, ISSUE 1
03/08
PDF
OPTIONS:
• Input Isolator
(-1 dB gain)
• Remote Control
Panel
• 115 VAC
External Step-Up
Transformer
Certificate Number: 30515
SPECIFICATIONS, VZS/X-2776L1
Electrical
Frequency
4.0 to 10.0 GHz
Output Power
TWT
100 W min.
Flange
70 W min.
Gain (with no options)
44 dB min. at rated power output;
40 dB typ. at small signal
RF Level Adjust
0 to 20 dB continuous
Gain Stability
±0.25 dB/24 hr max.
(at constant drive and temp.)
Gain Variation
12.0 dB pk-pk max., typ.
Input VSWR
2.5:1 typ.
1.5:1 max. (with optional input isolator)
Output VSWR
2.5:1 typ.
Load VSWR
1.5:1 max. for full spec compliance;
2.0:1 max. continuous operation;
any value without damage
Residual AM
-50 dBc below 10 kHz;
-20 [1.3 + log F (kHz)] dBc,
10 kHz to 500 kHz;
-80 dBc above 500 kHz
Phase Noise
Meets IESS-308/309 with 3 dB margin
Noise Figure
15 dB max.
Harmonic Content
-3 dBc typical at lower band edge,
decreasing to -15 dBc typ. at upper
band edge
Primary Power
220-240 VAC ±10%, single phase,
47-63 Hz
Power Consumption
1.4 kVA typ.
1.5 kVA max.
Inrush Current
200% max.
Environmental (Operating)
Ambient Temperature
-10° to +40°C operating
Relative Humidity
95% non-condensing
Altitude
Up to 10,000 ft (3000 m) with standard
adiabatic derating of 2°/1000 ft.
Shock and Vibration
Designed to meet conditions normally
encountered in the laboratory
Acoustic Noise
65 dBA @ 3 ft. from amplifier
Mechanical
Cooling (TWT)
Forced air with integral blower.
Rear air intake and exhaust.
RF Input Connection
Type N female
RF Output Connection
Type N female
RF Output Monitor
Type-N female, -57 dB nom.
Dimensions (W x H x D)
19 x 5.25 x 24 in.
(483 x 133 x 610 mm)
Weight
70 lbs (32 kg)
Safety
EN61010


Similar Part No. - VZS-2776L1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VZS-2780C2 CPI-VZS-2780C2 Datasheet
157Kb / 2P
   500W S/C-Band TWT Amplifier
More results

Similar Description - VZS-2776L1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VZL-6943J2 CPI-VZL-6943J2 Datasheet
135Kb / 2P
   Compact Medium Power Amplifier
VZS-6963J2 CPI-VZS-6963J2 Datasheet
149Kb / 2P
   Compact Medium Power Amplifier
VZC-6964 CPI-VZC-6964 Datasheet
130Kb / 2P
   400W Compact Medium Power Amplifier
VZU-6997AD CPI-VZU-6997AD Datasheet
158Kb / 2P
   750W Compact Medium Power Amplifier
VZX-6987A7 CPI-VZX-6987A7 Datasheet
157Kb / 2P
   750W Compact Medium Power Amplifier
VZX-6984A4 CPI-VZX-6984A4 Datasheet
168Kb / 2P
   400W Compact Medium Power Amplifier
VZU-6994 CPI-VZU-6994 Datasheet
173Kb / 2P
   350/400W Compact Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com