Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS153 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS153
Description  DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS153 Datasheet(HTML) 5 Page - Texas Instruments

  SN54ALS153 Datasheet HTML 1Page - Texas Instruments SN54ALS153 Datasheet HTML 2Page - Texas Instruments SN54ALS153 Datasheet HTML 3Page - Texas Instruments SN54ALS153 Datasheet HTML 4Page - Texas Instruments SN54ALS153 Datasheet HTML 5Page - Texas Instruments SN54ALS153 Datasheet HTML 6Page - Texas Instruments SN54ALS153 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54ALS153, SN74ALS153, SN74AS153
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SDAS206A – APRIL 1982 – REVISED DECEMBER 1994
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74AS153
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
V
VOH
VCC = 4.5 V,
IOH = – 15 mA
2.4
3.2
V
VOL
VCC = 4.5 V,
IOL = 48 mA
0.35
0.5
V
II
A, B
VCC =5 5V
VI =7V
0.2
mA
II
All others
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
A, B
VCC =5 5V
VI =2 7V
40
µA
IIH
All others
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
A, B
VCC =5 5V
VI =0 4V
–1
mA
IIL
All others
VCC = 5.5 V,
VI = 0.4 V
– 0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICCH
VCC = 5.5 V
16
26
mA
ICCL
VCC = 5.5 V
21
33
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
(INPUT)
(OUTPUT)
SN74AS153
MIN
MAX
tPLH
AorB
Y
3
12.5
ns
tPHL
A or B
Y
3
11
ns
tPLH
Data
Y
2
7
ns
tPHL
(any C)
Y
2
8
ns
tPLH
G
Y
3
11.5
ns
tPHL
G
Y
10
9
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN54ALS153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS153 TI1-SN54ALS153 Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN54ALS153FK TI1-SN54ALS153FK Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN54ALS153J TI1-SN54ALS153J Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN54ALS153 TI1-SN54ALS153_15 Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN54ALS153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS153 TI1-SN54ALS153_15 Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN54F153 TI-SN54F153 Datasheet
95Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN54F153 TI1-SN54F153_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74LS153 FAIRCHILD-DM74LS153 Datasheet
52Kb / 5P
   Dual 1-of-4 Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS151 TI-SN54ALS151_07 Datasheet
652Kb / 17P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74F151BDR TI1-SN74F151BDR Datasheet
80Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74LS152 HITACHI-HD74LS152 Datasheet
55Kb / 6P
   1-of-8 Data Selectors/Multiplexers
logo
Texas Instruments
SN54F151B TI-SN54F151B Datasheet
76Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151 Datasheet
110Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151_08 Datasheet
792Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com