Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127AFA2R5MGE Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 127AFA2R5MGE
Description  Surface Mount Aluminum Polymer Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

127AFA2R5MGE Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  127AFA2R5MGE Datasheet HTML 1Page - Illinois Capacitor, Inc. 127AFA2R5MGE Datasheet HTML 2Page - Illinois Capacitor, Inc. 127AFA2R5MGE Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
STANDARD PARTS LISTING
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
Part
Number
AFA
Surface Mount
Aluminum Polymer
Electrolytic Capacitors
Capacitance
(uF)
WVDC
D.F. Max
tan
δ
120Hz,
20°C
DxL
(mm)
L.C.
µA
Max,
20°C,
2 min.
Maximum
ESR m
100kHz to
300kHz,
20°C
Maximum
Ripple Current
(mA) 100kHz,
105°C
47
16
476AFA016M
0.12
50
150
1600
6.3x5.4
47
16
476AFA016MGE
0.05
50
150
1200
6.3x5.4
68
6.3
826AFA6R3M
0.12
45
103
1800
6.3x5.4
68
10
686AFA010M
0.12
50
136
1600
6.3x5.4
68
10
686AFA010MGE
0.05
45
136
1200
6.3x5.4
82
6.3
826AFA6R3M
0.12
45
103
1800
6.3x5.4
82
6.3
826AFA6R3MGE
0.06
40
103
1400
6.3x5.4
100
4
107AFA004M
0.12
45
80
1800
6.3x5.4
100
4
107AFA004MGE
0.06
35
80
1400
6.3x5.4
120
2.5
127AFA2R5M
0.12
45
60
1800
6.3x5.4
120
2.5
127AFA2R5MGE
0.06
35
60
1400
6.3x5.4
180
16
187AFA016M
0.05
15
576
4400
8x9
180
16
187AFA016MJL
0.12
25
576
4500
8x10
270
10
277AFA010M
0.05
10
540
4500
8x9
270
10
277AFA010MJL
0.12
22
540
4500
8x10
330
6.3
337AFA6R3M
0.06
13
416
4800
8x9
330
6.3
337AFA6R3MJL
0.12
17
416
4800
8x10
330
16
337AFA016M
0.05
13
1056
5100
10x9
330
16
337AFA016MLL
0.12
12
1056
5300
10x10.2
390
4
397AFA004M
0.06
8
312
5500
8x9
390
4
397AFA004MJL
0.12
17
312
4800
8x10
470
2.5
477AFA2R5M
0.06
10
235
4800
8x9
470
2.5
477AFA2R5MJL
0.12
17
235
4800
8x10
470
10
477AFA010M
0.05
10
940
4800
8x9
470
10
477AFA010MLL
0.12
10
940
5300
10x10.2
560
2.5
567AFA2R5M
0.06
8
280
5500
8x9
560
4
567AFA004M
0.06
8
448
5500
8x9
560
6.3
567AFA6R3M
0.06
8
706
5500
8x9
560
6.3
567AFA6R3MLL
0.12
8
706
5500
10x10.2
680
2.5
687AFA2R5M
0.06
8
340
5500
8x9
680
4
687AFA004M
0.06
8
544
5500
8x9
680
4
687AFA004MLL
0.12
8
544
5500
10x10.2
680
6.3
687AFA6R3M
0.06
8
857
5500
8x9
680
10
687AFA010M
0.05
8
1360
5500
10x9
820
2.5
827AFA2R5M
0.06
8
410
5500
8x9
820
2.5
827AFA2R5MLL
0.12
8
410
5500
10x10.2
820
4
827AFA004M
0.06
8
656
5500
8x9
820
6.3
827AFA6R3M
0.06
7
1033
6100
10x9
1000
2.5
108AFA2R5M
0.06
8
500
5500
8x9
1000
4
108AFA004M
0.06
8
800
5500
8x9
1000
6.3
108AFA6R3M
0.06
7
1260
6100
10x9
1000
10
108AFA010M
0.05
8
2000
5500
10x9
1200
2.5
128AFA2R5M
0.06
8
600
5500
8x9
1200
4
128AFA004M
0.06
7
960
6100
10x9
1500
2.5
158AFA2R5M
0.06
7
750
6100
10x9
1500
4
158AFA004M
0.06
7
1200
6100
10x9
1800
2.5
188AFA2R5M
0.06
7
900
6100
10x9
2200
2.5
228AFA2R5M
0.06
7
1100
6100
10x9


Similar Part No. - 127AFA2R5MGE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
127ALG050MGBJ ILLINOISCAPACITOR-127ALG050MGBJ Datasheet
176Kb / 2P
   Highest capacitance & Voltage, Low ESR
127ALG050MGBJ ILLINOISCAPACITOR-127ALG050MGBJ Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
127AVG050MFBJ ILLINOISCAPACITOR-127AVG050MFBJ Datasheet
193Kb / 2P
   Highest capacitance & Voltage
127AVG050MFBJ ILLINOISCAPACITOR-127AVG050MFBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
127AVG050MFBJ ILLINOISCAPACITOR-127AVG050MFBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
More results

Similar Description - 127AFA2R5MGE

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
ESR820M0G1316 CDE-ESR820M0G1316 Datasheet
41Kb / 3P
   TYPE ESR SURFACE MOUNT POLYMER ALUMINUM ELECTROLYTIC CAPACITORS.
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
NIC-Components Corp.
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com