Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550BCR050K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 550BCR050K
Description  85째C Temperature Stable Ceramic Disc Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

550BCR050K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  550BCR050K Datasheet HTML 1Page - Illinois Capacitor, Inc. 550BCR050K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
229
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
BCR
STANDARD PART LISTING
+ 85°C Temperature
Stable Ceramic Disc
Capacitors
PART
NUMBER
Temp.
Char.
Capacitance
pf
D
Max.
T
Max.
S
d
550BCR050K
55
N1000
5.0
3.0
2.5±1.0 .58±.02
560BCR050K
56
N1000
5.0
3.0
2.5±1.0 .58±.02
600BCR050K
60
N1000
5.0
3.0
2.5±1.0 .58±.02
650BCR050K
65
N1000
5.0
3.0
2.5±1.0 .58±.02
680BCR050K
68
N1000
5.0
3.0
2.5±1.0 .58±.02
700BCR050K
70
N1000
5.0
3.0
2.5±1.0 .58±.02
750BCR050K
75
N1000
5.0
3.0
2.5±1.0 .58±.02
820BCR050K
82
N1000
5.0
3.0
2.5±1.0 .58±.02
850BCR050K
85
N1000
5.0
3.0
2.5±1.0 .58±.02
900BCR050K
90
N1000
5.0
3.0
2.5±1.0 .58±.02
101BCR050K
100
N1000
5.0
3.0
2.5±1.0 .58±.02
111BCR050K
110
N1000
5.0
3.0
5.0±1.5 .47±.02
121BCR050K
120
N1000
5.0
3.0
5.0±1.5 .47±.02
131BCR050K
130
N1000
5.0
3.0
5.0±1.5 .47±.02
141BCR050K
140
N1000
5.0
3.0
5.0±1.5 .47±.02
151BCR050K
150
N1000
5.0
3.0
5.0±1.5 .47±02
181BCR050K
180
Y5E
5.0
3.0
5.0±1.5 .47±.02
201BCR050K
200
N1000
5.0
3.0
5.0±1.5 .47±.02
221BCR050K
220
Y5E
5.0
3.0
5.0±1.5 .47±.02
251BCR050K
250
Y5E
5.0
3.0
5.0±1.5 .47±.02
271BCR050K
270
Y5E
5.0
3.0
5.0±1.5 .47±.02
281BCR050K
280
Y5E
5.0
3.0
5.0±1.5 .47±.02
301BCR050K
300
Y5E
5.0
3.0
5.0±1.5 .47±.02
331BCR050K
330
Y5E
5.0
3.0
5.0±1.5 .47±.02
351BCR050K
350
Y5E
5.0
3.0
5.0±1.5 .47±.02
361BCR050K
360
Y5E
5.0
3.0
5.0±1.5 .47±.02
371BCR050K
370
Y5E
5.0
3.0
5.0±1.5 .47±.02
391BCR050K
390
Y5E
5.0
3.0
5.0±1.5 .47±.02
401BCR050K
400
Y5E
5.0
3.0
5.0±1.5 .47±.02
471BCR050K
470
Y5E
6.0
3.0
5.0±1.5 .47±.02
501BCR050K
500
Y5E
6.0
3.0
5.0±1.5 .47±.02
561BCR050K
560
Y5E
6.0
3.0
5.0±1.5 .47±.02
601BCR050K
600
Y5E
6.0
3.0
5.0±1.5 .47±.02
681BCR050K
680
Y5E
6.0
3.0
5.0±1.5 .47±.02
Convert to inches, divide by 25.4
D max
T max
d
S
3.0 max.
20.0 min.


Similar Part No. - 550BCR050K

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
550 INTEL-550 Datasheet
1Mb / 96P
   Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Oscilent Corporation
550 OSCILENT-550 Datasheet
132Kb / 2P
   HCMOS / TTL
logo
Cornell Dubilier Electr...
550 CDE-550 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
logo
Pulse A Technitrol Comp...
550 PULSE-550 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Glenair, Inc.
550-018M2 GLENAIR-550-018M2 Datasheet
44Kb / 2P
   D-Subminiature Potting Split Backshell
More results

Similar Description - 550BCR050K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
Cornell Dubilier Electr...
CEC010C CDE-CEC010C Datasheet
177Kb / 1P
   Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com