Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108AFB010M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 108AFB010M
Description  Radial Lead Aluminum Polymer Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108AFB010M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  108AFB010M Datasheet HTML 1Page - Illinois Capacitor, Inc. 108AFB010M Datasheet HTML 2Page - Illinois Capacitor, Inc. 108AFB010M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
AFB
STANDARD PART LISTING
Radial Lead
Aluminum Polymer
Electrolytic Capacitors
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
tan
δ
Dimensions
DxL
(mm)
Leakage
Current
(µA)
Max.
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
100
16
107AFB016M
0.05
20
320
4000
8x8
150
16
157AFB016M
0.05
17
480
4000
8x8
180
16
187AFB016M
0.12
25
576
4400
8x9.5
180
16
187AFB016MJJ
0.05
15
576
4400
8x8
220
10
227AFB010M
0.05
12
440
4000
8x8
270
10
277AFB010M
0.12
22
540
4500
8x9.5
270
10
277AFB010MJJ
0.05
10
540
4500
8x8
330
6.3
337AFB6R3M
0.12
17
416
4800
8x9.5
330
6.3
337AFB6R3MJJ
0.06
8
416
5500
8x8
330
16
337AFB016M
0.12
12
1056
5100
10x9.5
330
16
337AFB016MLJ
0.05
12
1056
5100
10x8
390
6.3
397AFB6R3M
0.06
8
491
5500
8x8
470
6.3
477AFB6R3M
0.06
8
592
5500
8x8
470
10
477AFB010M
0.12
10
940
5300
10x9.5
470
10
477AFB010MJJ
0.05
10
940
4800
8x8
470
16
477AFB016M
0.05
12
1504
5500
10x12.5
560
2.5
567AFB2R5M
0.06
8
280
5500
8x8
560
4
567AFB004M
0.12
17
448
4800
8x9.5
560
4
567AFB004MJJ
0.06
8
448
5500
8x8
560
6.3
567AFB6R3M
0.12
8
706
5500
10x9.5
560
6.3
567AFB6R3MJJ
0.06
8
706
5500
8x8
680
2.5
687AFB2R5M
0.12
17
340
4800
8x9.5
680
2.5
687AFB2R5MJJ
0.06
8
340
5500
8x8
680
4
687AFB004M
0.06
8
544
5500
8x8
680
6.3
687AFB6R3M
0.06
8
857
5500
8x8
680
10
687AFB010M
0.06
8
1360
5500
10x8
820
2.5
827AFB2R5M
0.06
8
410
5500
8x8
820
4
827AFB004M
0.12
8
656
5500
10x9.5
820
4
827AFB004MJJ
0.06
8
656
5500
8x8
820
6.3
827AFB6R3M
0.06
7
1033
6100
10x8
820
10
827AFB010M
0.06
8
1640
5500
10x8
1000
2.5
108AFB2R5M
0.12
8
500
5500
10x9.5
1000
2.5
108AFB2R5MJJ
0.06
8
500
5500
8x8
1000
4
108AFB004M
0.06
8
800
5500
8x8
1000
6.3
108AFB6R3M
0.06
7
1260
6100
10x8
1000
10
108AFB010M
0.05
7
2000
5800
10x12.5
1200
2.5
128AFB2R5M
0.06
8
600
5500
8x8
1200
4
128AFB004M
0.06
7
960
6100
10x8
1500
2.5
158AFB2R5M
0.06
7
1200
6100
10x8
1500
4
158AFB004M
0.06
7
750
6100
10x8
1800
2.5
188AFB2R5M
0.06
7
900
6100
10x8
2200
2.5
228AFB2R5M
0.06
7
1100
6100
10x8
2700
2.5
278AFB2R5M
0.06
6
1350
6400
10x12.5


Similar Part No. - 108AFB010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108AFA004M ILLINOISCAPACITOR-108AFA004M Datasheet
372Kb / 3P
   Surface Mount Aluminum Polymer Electrolytic Capacitors
108AFA010M ILLINOISCAPACITOR-108AFA010M Datasheet
372Kb / 3P
   Surface Mount Aluminum Polymer Electrolytic Capacitors
108AFA2R5M ILLINOISCAPACITOR-108AFA2R5M Datasheet
372Kb / 3P
   Surface Mount Aluminum Polymer Electrolytic Capacitors
108AFA6R3M ILLINOISCAPACITOR-108AFA6R3M Datasheet
372Kb / 3P
   Surface Mount Aluminum Polymer Electrolytic Capacitors
More results

Similar Description - 108AFB010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476AVG050MFBJ ILLINOISCAPACITOR-476AVG050MFBJ Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
476ULR010MEF ILLINOISCAPACITOR-476ULR010MEF Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
685AVG160MFBJ ILLINOISCAPACITOR-685AVG160MFBJ Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
107UER6R3MEW ILLINOISCAPACITOR-107UER6R3MEW Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
107UER016MEF ILLINOISCAPACITOR-107UER016MEF Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
107UER016MES ILLINOISCAPACITOR-107UER016MES Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
107ULR025MFH ILLINOISCAPACITOR-107ULR025MFH Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
157AVG035MFBJ ILLINOISCAPACITOR-157AVG035MFBJ Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
157ULR020MGU ILLINOISCAPACITOR-157ULR020MGU Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
187AVG035MFBJ ILLINOISCAPACITOR-187AVG035MFBJ Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com