Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127DLR2R3K Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 127DLR2R3K
Description  Super capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

127DLR2R3K Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  127DLR2R3K Datasheet HTML 1Page - Illinois Capacitor, Inc. 127DLR2R3K Datasheet HTML 2Page - Illinois Capacitor, Inc. 127DLR2R3K Datasheet HTML 3Page - Illinois Capacitor, Inc. 127DLR2R3K Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
9. About vibration.
A terminal blank, a terminal bend, and a crease may occur
by adding too much vibration to a capacitor. When there
becomes too much vibration, please contact our company.
10. When used on a double sided printed circuit board,
do not design exposed circuit board traces under the
super capacitor.
An electrical short could occur if the super capacitor
electrolyte should leak onto the circuit board.
11. Do not store in high temperature and high humidity
conditions.
Avoid high temperature or high humidity or direct rays
when storing capacitors. Avoid direct contact with water,
salt water or oil, toxic gases, or dusty environment.
12. When soldering the super capacitor to the wiring
board, do not attach the body of the super capacitor to
the circuit boards.
If the body of the capacitor is attached directly to the
circuit board, the flux or solder can blow through the
mounting holes in the circuit board, possibly causing
internal damage to the super capacitor.
13. Do not overheat when soldered.
Excessive heat may cause deterioration of the electrical
characteristics of the aerogel super capacitor, electrolyte
leakage or an increase in internal pressure.
14. Circuit board cleaning after soldering.
Circuit boards can be immersed or ultrasonically cleaned
using suitable cleaning solvents for up to 5 minutes and
up to 60˚C maximum temperatures. The boards should be
thoroughly rinsed and dried.
15. Be careful not to apply an excessive force to the
capacitor body, terminals or lead wires.
If the capacitor body is subjected to stress such as
grabbing, falling, bend, pushing or twisting after mounted,
its terminals may come off, leading to open, short or liquid
leakage.
16. Emergency procedures.
If a super capacitor is found to be overheating or starts to
smell, immediately switch off the unit’s main power or load
to stop operation. Do not expose your face and hands if
exposed to electrolyte. Wash exposed area thoroughly
with soap and water.
DLR
Supercapacitor
Exposure time (seconds)
Recommended
Maximum
exposure time
exposure time
220
7
9
240
7
9
250
5
7
260
3
5
Wave solder
Temperature
(°C)


Similar Part No. - 127DLR2R3K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
127DCB450K4R ILLINOISCAPACITOR-127DCB450K4R Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
127DCB450K4R ILLINOISCAPACITOR-127DCB450K4R Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
127DCR2R3SLZ ILLINOISCAPACITOR-127DCR2R3SLZ Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
127DCR2R3SLZ ILLINOISCAPACITOR-127DCR2R3SLZ Datasheet
162Kb / 2P
   Very fast charge/discharge ??High power density ??IEC 62391
127DCR2R3SLZ ILLINOISCAPACITOR-127DCR2R3SLZ Datasheet
224Kb / 4P
   High Capacitance ??Very fast charge/discharge ??High power density
More results

Similar Description - 127DLR2R3K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ33100 TI1-BQ33100_15 Datasheet
1Mb / 67P
[Old version datasheet]   Super Capacitor Manager
BQ33100 TI1-BQ33100 Datasheet
662Kb / 56P
[Old version datasheet]   Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
BQ24640 TI-BQ24640 Datasheet
703Kb / 25P
[Old version datasheet]   High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
Renesas Technology Corp
ZSPM4523 RENESAS-ZSPM4523 Datasheet
515Kb / 25P
   High-Efficiency Solar PV MPPT Regulator for Super Capacitor Systems
January 29, 2016
logo
Okaya Electric America,...
HCPB OKAYA-HCPB_14 Datasheet
184Kb / 1P
   CAPACITOR
HCP450V104KS OKAYA-HCP450V104KS Datasheet
328Kb / 1P
   CAPACITOR
logo
RCD COMPONENTS INC.
RC0801-100J100J RCD-RC0801-100J100J Datasheet
82Kb / 1P
   CAPACITOR AND RESISTOR/CAPACITOR NETWORKS
logo
Okaya Electric America,...
HCE450V104KS OKAYA-HCE450V104KS Datasheet
237Kb / 1P
   CAPACITOR
HCPB1250V822J OKAYA-HCPB1250V822J Datasheet
184Kb / 1P
   CAPACITOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com