Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337HSM050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 337HSM050M
Description  125째C Standard Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337HSM050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  337HSM050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337HSM050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 337HSM050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
Operating Temperature Range
2 minutes
1 minute
Load Life
1,000 hours at 125°C with rated WVDC
< 20% of initial measured value
<200% of initial specified value
<100%Initial specified value
Capacitance change
Dissipation factor
Leakage current
SPECIFICATIONS
FEATURES
HSM
+125°C Standard
Radial Lead
Aluminum Electrolytic
Capacitors
For automotive and telecommunication applications
Capacitance Tolerance
±20% at 120Hz, 20°C
Leakage Current
Shelf Life
.03 CV or 4 µA
.01 CV or 3 µA
Whichever is greater
1,000 hours at 105°C with no voltage applied.
Units will meet load life specification.
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
Note: For above D.F. specifications, add .02 for every 1,000 µf above 1,000 µf
Impedance Ratio
(Max.) @120Hz
-25/20°C
-40/20°C
10
3
4
16
2
4
25
2
4
35
2
4
50
2
4
63
2
4
WVDC
≤ 63WVDC
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo Pack Cut, Formed, Cut and Formed, and Snap In Leads
I 125°C Temperature rating
I Extended Life
I Voltage range: 10 WVDC to 63WVDC
I Capacitance Range: 1.0µF to 4,700µF
Time
WVDC
(See pages 33 thru 37)
Ripple Current Multipliers
C
≤47
47<C
≤470
50
120
300
1K
10K
.75
.8
.85
1.0
1.0
1.0
1.35
1.23
1.1
1.57
1.34
1.13
2
1.5
1.15
C>470
+105
1.00
+85
1.4
+70
1.65
Frequency(Hz)
Temperature(°C)
Capacitance (µF)
1.00
1.00
1.4
1.4
1.65
1.65
10
16
25
35
50
63
.2
.16
.14
.12
.1
.1
-40°C to +125°C


Similar Part No. - 337HSM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337HSM050M ILLINOISCAPACITOR-337HSM050M Datasheet
516Kb / 3P
   125C Standard Radial Lead Aluminum Electrolytic Capacitors
337HSM050M ILLINOISCAPACITOR-337HSM050M Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
337HSM050M ILLINOISCAPACITOR-337HSM050M Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
More results

Similar Description - 337HSM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
105HSM050M ILLINOISCAPACITOR-105HSM050M_13 Datasheet
516Kb / 3P
   125C Standard Radial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com