Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108KBM6R3M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 108KBM6R3M
Description  10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108KBM6R3M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  108KBM6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 108KBM6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc. 108KBM6R3M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
I Electronic Ballasts
I Switching Power Supplies
I Power Adapters
I Long Life
I High Temperature
I RoHS Compliant
FEATURES
KBM
10,000 Hour
Radial Lead
Aluminum Electrolytic
Capacitors
SPECIFICATIONS
Capacitance Tolerance
-40°C to + 105°C
±20% at 120Hz, 20°C
For Ballast applications and Switching power supplies.
6.3
7.9
10
13
16
20
25
32
35
44
50
63
63
79
100
125
Surge Voltage
SVDC
WVDC
Leakage Current
Load Life
tan
δ
WVDC
Operating Temperature Range
6.3
.22
10
.19
16
.16
25
.
14
35
.12
50
.
1
63
.
09
100
.
08
Dissispation Factor
(120 Hz, 20°C)
.01CV or 3µA, Whichever is greater
Low Temperature Stability
Impedance Ratio
(120 Hz)
WVDC
-25°C/+28°C
-40°C/+20°C
6.3
4
8
10
3
6
16
2
4
25 to 100
2
3
Frequency (Hz)
WVDC
Capacitance change
Dissipation factor
Leakage current
Ripple Current Multipliers
Capacitance (µF)
.47 to 10
22 to 33
47 to 330
470 to 1000
2200 to 15000
≤65
2.12
2.12
2.12
2.12
2.12
75
1.69
1.69
1.69
1.69
1.69
85
1.0
1.0
1.0
1.0
1.0
120
.42
.55
.7
.75
.8
1k
.6
.75
.85
.9
.95
10k
.8
.90
.95
.98
1.0
100k
1.0
1.0
1.0
1.0
1.0
Temperature (°C)
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance change
Dissipation factor
Leakage current
≤ 25% of initial measured value
≤ 200% of maximum specified value
<100% of maximum specified value
Add .02 for every 1000µF above 1000µF
After application of rated voltage and ripple current applied at 105*C
≤ 25% of initial measured value
≤ 200% of maximum specified value
<100% of maximum specified value
D
≤6.3mm, 4000 Hrs.
D=8 to 10mm, 5000Hrs.
D
≥12mm, 8000 Hrs.
D
≤6.3mm, 5000 Hrs.
D=8 to 10mm, 7000Hrs.
D
≥12mm, 10,000 Hrs.
6.3 to 10
16 to 100
Time
2 minutes


Similar Part No. - 108KBM6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108KBM6R3M ILLINOISCAPACITOR-108KBM6R3M Datasheet
280Kb / 2P
   Radial Lead Aluminum Electrolytic Capacitors
108KBM6R3M ILLINOISCAPACITOR-108KBM6R3M Datasheet
185Kb / 2P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
108KBM6R3M ILLINOISCAPACITOR-108KBM6R3M Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
108KBM6R3M ILLINOISCAPACITOR-108KBM6R3M Datasheet
109Kb / 1P
   Radial Lead High Frequency / Low Impedance
108KBM6R3MFBW ILLINOISCAPACITOR-108KBM6R3MFBW Datasheet
185Kb / 2P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
More results

Similar Description - 108KBM6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com