Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108LBA200M2EE Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 108LBA200M2EE
Description  85째C Snap-Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108LBA200M2EE Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  108LBA200M2EE Datasheet HTML 1Page - Illinois Capacitor, Inc. 108LBA200M2EE Datasheet HTML 2Page - Illinois Capacitor, Inc. 108LBA200M2EE Datasheet HTML 3Page - Illinois Capacitor, Inc. 108LBA200M2EE Datasheet HTML 4Page - Illinois Capacitor, Inc. 108LBA200M2EE Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
116
®
PART
NUMBER
WVDC
Maximum
ESR
m
120Hz,+20°C
Capacitance
(µF)
LBA
+ 85°C Snap-Mount
Aluminum Electrolytic
Capacitors
STANDARD PART LISTING
Maximum RMS
Ripple Current
(A)
120Hz,+85°C
PART
NUMBER
WVDC
Maximum
ESR
m
120Hz,+20°C
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz,+85°C
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
1000
250
108LBA250M2DH
165.786
3.65
30x50
1000
250
108LBA250M2EF
248.680
3.58
35x40
1200
160
128LBA160M2DE
138.155
3.2
30x35
1200
160
128LBA160M2ED
207.233
3.2
35x30
1200
200
128LBA200M2DG
138.155
3.4
30x45
1200
200
128LBA200M2DH
138.155
3.4
30x50
1200
200
128LBA200M2EE
207.233
3.54
35x35
1200
200
128LBA200M2EF
207.233
3.47
35x40
1200
250
128LBA250M2EG
207.233
3.5
35x45
1500
63
158LBA063M2BC
165.786
2
22x25
1500
80
158LBA080M2CC
165.786
2.15
25x25
1500
100
158LBA100M2CE
165.786
2.76
25x35
1500
160
158LBA160M2EE
165.786
3.48
35x35
1500
200
158LBA200M2EF
165.786
3.8
35x40
1500
200
158LBA200M2EG
165.786
4.1
35x45
1500
250
158LBA250M2EH
165.786
4
35x50
1800
160
188LBA160M2DH
92.104
4.1
30x50
1800
160
188LBA160M2EF
138.155
4.1
35x40
1800
200
188LBA200M2EG
138.155
4.2
35x45
1800
200
188LBA200M2EH
138.155
4.38
35x50
2200
35
228LBA035M3CA
188.394
1.7
25x20
2200
50
228LBA050M2BC
150.715
2
22x25
2200
63
228LBA063M2CC
113.036
2.3
25x25
2200
80
228LBA080M2BF
113.036
2.71
22x40
2200
80
228LBA080M2CE
113.036
2.66
25x35
2200
100
228LBA100M2CG
113.036
3.41
25x45
2200
100
228LBA100M2DE
113.036
3.35
30x35
2200
100
228LBA100M2ED
113.036
3.28
35x30
2200
160
228LBA160M2EH
113.036
4.97
35x50
2200
160
228LBA160M4FF
113.036
4.57
40x40
2200
200
228LBA200M2EH
113.036
4.7
35x50
3300
35
338LBA035M2BC
125.596
2.2
22x25
3300
50
338LBA050M2BD
100.477
2.4
22x30
3300
50
338LBA050M2CC
100.477
2.35
25x25
3300
63
338LBA063M2CE
75.357
2.81
25x35
3300
80
338LBA080M2CG
75.357
3.41
25x45
3300
80
338LBA080M2ED
75.357
3.28
35x30
3300
100
338LBA100M2EE
75.357
3.58
35x35
3300
100
338LBA100M2FD
75.357
3.5
40x30
4700
25
478LBA025M2BC
105.821
2.2
22x25
4700
35
478LBA035M2BD
88.184
2.4
22x30
4700
35
478LBA035M2CC
88.184
2.35
25x25
4700
50
478LBA050M2BF
70.547
2.91
22x40
4700
50
478LBA050M2CE
70.547
2.86
25x35
4700
50
478LBA050M2DC
70.547
2.8
30x25
4700
63
478LBA063M2CE
52.911
3.59
25x35
4700
63
478LBA063M2CG
52.911
3.25
25x45
4700
63
478LBA063M2DD
52.911
3.2
30x30
4700
63
478LBA063M2EC
52.911
3.13
35x25
4700
80
478LBA080M2BE
52.911
3.5
22x35
4700
80
478LBA080M2ED
52.911
3.3
35x30
4700
80
478LBA080M2EE
52.911
3.73
35x35
4700
100
478LBA100M2EG
52.911
4.3
35x45
4700
100
478LBA100M2FE
52.911
4.22
40x35
5600
25
568LBA025M2BD
88.814
2.4
22x30
6800
25
688LBA025M2BE
73.141
2.6
22x35
6800
25
688LBA025M2CC
73.141
2.55
25x25
6800
35
688LBA035M2BE
60.951
2.9
22x35
6800
35
688LBA035M2BF
60.951
3.06
22x40
6800
35
688LBA035M2CD
60.951
3.01
25x30
6800
35
688LBA035M2DC
60.951
2.95
30x25
6800
50
688LBA050M2CG
60.951
3.86
25x45
6800
50
688LBA050M2ED
60.951
3.73
35x30
6800
63
688LBA063M2EE
36.571
4.15
35x35
6800
80
688LBA080M2EG
36.571
4.8
35x45
8200
16
828LBA016M2BC
80.871
2.37
22x25
8200
25
828LBA025M2BE
60.654
3.31
22x35
8200
35
828LBA035M2CE
50.545
3.45
25x35
8200
50
828LBA050M2DF
40.436
4.35
30x40
10000
16
109LBA016M2BD
66.315
2.84
22x30
10000
16
109LBA016M2CC
66.315
2.76
25x25
10000
25
109LBA025M2BG
49.736
3.4
22x45
10000
25
109LBA025M2CE
49.736
3.32
25x35
10000
25
109LBA025M2DC
49.736
3.31
30x25
10000
35
109LBA035M2CF
41.447
4.06
25x40
10000
35
109LBA035M2DD
41.447
4
30x30


Similar Part No. - 108LBA200M2EE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108LBA200M2EE ILLINOISCAPACITOR-108LBA200M2EE Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
108LBA200M2EE ILLINOISCAPACITOR-108LBA200M2EE Datasheet
399Kb / 6P
   Standard 2000 hrs
108LBA200M2EE ILLINOISCAPACITOR-108LBA200M2EE Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
108LBA200M2EE ILLINOISCAPACITOR-108LBA200M2EE Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
108LBA200M2EE ILLINOISCAPACITOR-108LBA200M2EE Datasheet
105Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 108LBA200M2EE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_13 Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com