Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

227CKE050M Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 227CKE050M
Description  105째C General Purpose Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227CKE050M Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  227CKE050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227CKE050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 227CKE050M Datasheet HTML 3Page - Illinois Capacitor, Inc. 227CKE050M Datasheet HTML 4Page - Illinois Capacitor, Inc. 227CKE050M Datasheet HTML 5Page - Illinois Capacitor, Inc. 227CKE050M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
58
®
CKE/CKH
+ 105°C General
Purpose Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
WVDC
Maximum
ESR
120Hz,+20°C
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
WVDC
Maximum
ESR
120Hz,+20°C
470
35
477CKE035M
0.4233
450
10x16
470
50
477CKE050M
0.3527
560
10x20
470
50
477CKH050M
0.3527
610
12.5x20
470
63
477CKE063M
0.3527
610
12.5x20
470
63
477CKH063M
0.3527
700
12.5x25
470
100
477CKE100M
0.2822
720
16x25
470
100
477CKH100M
0.2822
880
16x31.5
680
6.3
687CKH6R3M
0.5851
375
10x12.5
680
16
687CKH016M
0.4145
490
10x16
680
35
687CKH035M
0.2926
695
12.5x20
680
50
687CKH050M
0.2438
825
12.5x25
680
63
687CKH063M
0.2438
925
16x25
1000
6.3
108CKE6R3M
0.3979
390
8x11.5
1000
10
108CKE010M
0.3316
470
10x12.5
1000
16
108CKE016MLN
0.2818
500
10x12.5
1000
16
108CKE016M
0.2818
550
10x16
1000
16
108CKH016M
0.2818
640
10x20
1000
25
108CKE025MLQ
0.2487
610
10x16
1000
25
108CKE025M
0.2487
660
10x20
1000
35
108CKH035M
0.1989
820
12.5x20
1000
50
108CKE050M
0.1658
970
12.5x25
1000
50
108CKH050M
0.1658
1100
16x25
1000
63
108CKE063M
0.1658
940
16x25
1000
63
108CKH063M
0.1658
1210
16x31.5
1000
100
108CKE100MRY
0.1326
1000
18x35.5
1000
100
108CKE100M
0.1326
1410
18x40
1500
6.3
158CKH6R3M
0.2874
585
10x20
1500
16
158CKH016M
0.2100
800
12.5x20
1500
25
158CKH025M
0.1879
905
12.5x25
1500
35
158CKH035M
0.1547
1140
16x25
1500
50
158CKH050M
0.1326
1250
18x31.5
2200
6.3
228CKE6R3M
0.2110
660
10x16
2200
10
228CKE010MLQ
0.1809
705
10x16
2200
10
228CKE010M
0.1809
810
10x20
2200
16
228CKE016MLU
0.1583
710
10x21
2200
16
228CKE016M
0.1583
950
12.5x20
2200
16
228CKH016M
0.1583
1000
12.5x25
2200
25
228CKE025M
0.1432
1100
12.5x25
2200
25
228CKH025M
0.1432
1170
16x25
2200
35
228CKE035M
0.1206
1180
16x25
2200
35
228CKH035M
0.1206
1340
16x31.5
2200
50
228CKE050MQW
0.1055
1410
16x31.5
2200
50
228CKE050M
0.1055
1470
16x35.5
2200
50
228CKH050M
0.1055
1530
18x35.5
2200
63
228CKE063M
0.1055
1650
18x35.5
3300
6.3
338CKE6R3M
0.1507
880
10x20
3300
10
338CKE010M
0.1306
1040
12.5x20
3300
16
338CKH016M
0.1155
1220
12.5x25
3300
16
338CKH016M
0.1155
1300
16x25
3300
25
338CKE025M
0.1055
1240
16x25
3300
25
338CKH025M
0.1055
1460
16x31.5
3300
35
338CKE035MQW
0.0904
1500
16x31.5
3300
35
338CKE035M
0.0904
1560
16x35.5
3300
35
338CKH035M
0.0904
1650
18x35.5
3300
50
338CKE050M
0.0804
1780
18x35.5
4700
6.3
478CKE6R3M
0.0847
1090
12.5x20
4700
10
478CKE010M
0.0847
1280
12.5x25
4700
10
478CKH010M
0.0988
1410
16x25
4700
16
478CKE016M
0.0741
1310
16x25
4700
16
478CKH016M
0.0882
1600
16x31.5
4700
25
478CKE025MQV
0.0811
1570
16x25
4700
25
478CKE025M
0.0811
1530
16x31.5
4700
25
478CKH025M
0.0811
1780
18x31.5
4700
35
478CKE035MQY
0.0705
1780
16x35.5
4700
35
478CKE035M
0.0705
1830
18x35.5
6800
6.3
688CKE6R3M
0.0585
1350
12.5x25
6800
10
688CKE010M
0.0488
1390
16x25
6800
16
688CKE016MQV
0.0707
1600
16x25
6800
16
688CKE016M
0.0707
1630
16x31.5
6800
25
688CKE025MQY
0.0658
1850
16x35.5
6800
25
688CKE025M
0.0658
1880
18x35.5
6800
35
688CKE035M
0.0585
2000
18x40
10000
6.3
109CKE6R3M
0.0398
1450
16x25
10000
6.3
109CKH6R3M
0.0696
1790
16x31.5
10000
10
109CKE010MLQ
0.0630
1820
16x31.5
10000
10
109CKE010M
0.0630
1760
16x35.5
10000
10
109CKH010M
0.0630
1965
18x35.5
10000
16
109CKE016MQY
0.0580
1930
16x35.5
10000
16
109CKE016M
0.0580
1960
18x31.5
10000
25
109CKE025M
0.0547
2000
18x40
15000
6.3
159CKE6R3MQW
0.0575
1820
16x31.5
15000
6.3
159CKE6R3M
0.0575
1850
16x35.5
15000
10
159CKE010MQY
0.0531
2050
16x35.5
15000
10
159CKE010M
0.0531
2050
18x35.5
15000
16
159CKE016M
0.0497
2210
18x40
22000
6.3
229CKE6R3MRY
0.0497
2280
18x35.5
22000
6.3
229CKE6R3M
0.0497
2300
18x40
22000
10
229CKE010M
0.0467
2420
18x40
PLEASE NOTE: The CKE and CKH Series have been merged. CHECK PART NUMBERS CAREFULLY.


Similar Part No. - 227CKE050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227CKE050M ILLINOISCAPACITOR-227CKE050M Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
227CKE050M ILLINOISCAPACITOR-227CKE050M Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
227CKE050M ILLINOISCAPACITOR-227CKE050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
227CKE050M ILLINOISCAPACITOR-227CKE050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
227CKE050M ILLINOISCAPACITOR-227CKE050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 227CKE050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
logo
NTE Electronics
VHT10M25 NTE-VHT10M25 Datasheet
17Kb / 2P
   105째C ALUMINUM ELECTROLYTIC
logo
Illinois Capacitor, Inc...
102LRP160M ILLINOISCAPACITOR-102LRP160M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com