Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108CKS016M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 108CKS016M
Description  85째C General Purpose Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108CKS016M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  108CKS016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 108CKS016M Datasheet HTML 2Page - Illinois Capacitor, Inc. 108CKS016M Datasheet HTML 3Page - Illinois Capacitor, Inc. 108CKS016M Datasheet HTML 4Page - Illinois Capacitor, Inc. 108CKS016M Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
40
®
CKR/CKS
+ 85°C General
Purpose Aluminum
Electrolytic Capacitors
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
STANDARD PART LISTING
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
WVDC
Maximum
ESR
120Hz,+20°C
0.1
50
104CKR050M
1657.864
1.5
5x11
0.15
50
154CKR050M
1105.243
2
5x11
0.22
50
224CKR050M
753.575
9
5x11
0.33
50
334CKR050M
502.383
10
5x11
0.47
50
474CKR050M
352.737
7
5x11
0.47
100
474CKR100M
282.190
12
5x11
0.68
50
684CKR050M
243.804
9
5x11
1
50
105CKR050M
165.786
16
5x11
1
100
105CKR100M
132.629
22
5x11
1
250
105CKR250M
248.680
22
6.3x11
1
450
105CKS450M
331.573
22
8x11.5
1.5
50
155CKR050M
110.524
18
5x11
2.2
50
225CKR050M
75.357
29
5x11
2.2
100
225CKS100M
60.286
34
5x11
2.2
250
225CKS250M
113.036
33
6.3x11
2.2
250
225CKR250M
113.036
31
8x11.5
2.2
350
225CKS350M
150.715
30
6.3x11
2.2
400
225CKS400M
150.715
33
8x11.5
2.2
450
225CKS450M
150.715
35
10x12.5
2.2
450
225CKS450MJM
150.715
28
8x11.5
3.3
50
335CKS050M
50.238
37
5x11
3.3
100
335CKS100M
40.191
42
5x11
3.3
200
335CKS200M
75.357
37
6.3x11
3.3
250
335CKS250MGM
75.357
40
6.3x11
3.3
250
335CKS250M
75.357
46
8x11.5
3.3
350
335CKS350MJM
100.477
43
8x11.5
3.3
400
335CKS400M
100.477
45
10x12.5
3.3
400
335CKS400MJM
100.477
48
8x11.5
3.3
450
335CKS450MLM
100.477
40
10x12.5
3.3
450
335CKS450M
100.477
47
10x16
4.7
50
475CKS050M
35.274
44
5x11
4.7
100
475CKR100M
28.219
48
5x11
4.7
160
475CKS160M
52.911
41
6.3x11
4.7
200
475CKS200M
52.911
50
6.3x11
4.7
250
475CKS250MGM
52.911
50
6.3x11
4.7
250
475CKS250M
52.911
55
8x11.5
4.7
350
475CKS350M
70.547
50
10x12.5
4.7
350
475CKS350MJM
70.547
55
8x11.5
4.7
400
475CKS400MLN
70.547
60
10x12.5
4.7
400
475CKS400M
70.547
60
10x16
4.7
450
475CKS450MLN
70.547
46
10x12.5
4.7
450
475CKS450M
70.547
60
10x18
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
WVDC
Maximum
ESR
120Hz,+20°C
6.8
63
685CKR063M
24.380
51
5x11
10
50
106CKR050M
16.579
65
5x11
10
63
106CKR063M
13.263
67
5x11
10
100
106CKS100MEM
13.263
70
5x11
10
100
106CKS100M
13.263
80
6.3x11
10
160
106CKS160M
24.868
70
8x11.5
10
200
106CKS200M
24.868
80
10x12.5
10
200
106CKS200MJM
24.868
80
8x11.5
10
250
106CKS250MLN
24.868
100
10x12.5
10
250
106CKS250M
24.868
95
10x16
10
350
106CKS350MLQ
33.157
90
10x12.5
10
350
106CKS350M
33.157
95
10x20
10
400
106CKS400MLQ
33.157
90
10x16
10
450
106CKS450MLU
33.157
80
10x20
10
450
106CKS450M
33.157
100
12.5x20
15
50
156CKR050M
11.052
78
5x11
15
100
156CKR100M
8.842
98
8x11.5
22
50
226CKR050M
7.536
95
5x11
22
63
226CKS063M
7.536
100
5x11
22
63
226CKR063M
6.029
104
6.3x11
22
100
226CKS100M
6.029
140
6.3x11
22
100
226CKR100M
6.029
135
8x11.5
22
160
226CKS160MLN
11.304
130
10x12.5
22
160
226CKS160M
11.304
120
10x16
22
200
226CKS200MLQ
11.304
150
10x16
22
200
226CKS200M
11.304
150
10x20
22
250
226CKS250MLU
11.304
150
10x20
22
250
226CKR250M
11.304
160
12.5x20
22
350
226CKS350M
15.071
150
12.5x20
22
400
226CKS400M
15.071
170
12.5x25
22
450
226CKS450MNV
15.071
140
13x26
22
450
226CKS450M
15.071
160
16x25
33
50
336CKS050M
5.024
125
5x11
33
50
336CKR050M
5.024
125
6.3x11
33
63
336CKR063M
5.024
130
6.3x11
33
100
336CKR100M
4.019
190
10x12.5
33
100
336CKS100M
4.019
180
8x11.5
33
160
336CKS160MLQ
7.536
180
10x16
33
160
336CKS160M
7.536
170
10x20
33
200
336CKS200MLU
7.536
200
10x20
33
250
336CKS250M
7.536
210
12.5x20
33
350
336CKS350M
10.048
200
12.5x25
PLEASE NOTE: The CKR and CKS Series have been merged. CHECK PART NUMBERS CAREFULLY.


Similar Part No. - 108CKS016M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
108CKS016M ETC2-108CKS016M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
108CKS016M ILLINOISCAPACITOR-108CKS016M Datasheet
293Kb / 3P
   Standard 2000 hour
108CKS016M ILLINOISCAPACITOR-108CKS016M Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
108CKS016M ILLINOISCAPACITOR-108CKS016M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS016M ILLINOISCAPACITOR-108CKS016M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 108CKS016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Illinois Capacitor, Inc...
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com