Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222LKP450M Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 222LKP450M
Description  85째C Screw Terminal Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

222LKP450M Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  222LKP450M Datasheet HTML 1Page - Illinois Capacitor, Inc. 222LKP450M Datasheet HTML 2Page - Illinois Capacitor, Inc. 222LKP450M Datasheet HTML 3Page - Illinois Capacitor, Inc. 222LKP450M Datasheet HTML 4Page - Illinois Capacitor, Inc. 222LKP450M Datasheet HTML 5Page - Illinois Capacitor, Inc. 222LKP450M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PART
NUMBER
WVDC
Maximum RMS
Ripple Current
(A)
120Hz, +85°C
PART
NUMBER
WVDC
Capacitance
(µF)
LKP
STANDARD PART LISTING
Maximum RMS
Ripple Current
(A)
120Hz, +85°C
Capacitance
(µF)
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
Maximum
ESR
m
120Hz, +20°C
Maximum
ESR
m
120Hz, +20°C
4,700
200
472LKP200M
52.911
6.42
51x90
4,700
250
472LKP250M
70.547
7.06
64x96
4,700
350
472LKP350M
88.184
9.81
64x130
4,700
400
472LKP400M
88.184
10.32
77x115
4,700
450
472LKP450M
88.184
10.88
77x130
5,600
63
562LKP063M
59.209
2.97
35x50
5,600
80
562LKP080M
59.209
3.22
35x60
5,600
100
562LKP100M
44.407
4.22
35x80
5,600
160
562LKP160M
44.407
7
51x90
5,600
200
562LKP200M
44.407
7.47
51x115
5,600
250
562LKP250M
59.209
7.71
64x96
5,600
350
562LKP350M
74.012
11.26
77x115
5,600
400
562LKP400M
74.012
11.87
77x130
5,600
450
562LKP450M
74.012
12.83
77x155
6,800
50
682LKP050M
60.951
3.26
35x50
6,800
63
682LKP063M
48.761
3.28
35x50
6,800
80
682LKP080M
48.761
4.03
35x80
6,800
100
682LKP100M
36.571
5.15
35x100
6,800
160
682LKP160M
36.571
7.72
51x90
6,800
200
682LKP200M
36.571
8.7
51x130
6,800
250
682LKP250M
48.761
9.19
64x115
6,800
350
682LKP350M
60.951
13.08
77x130
6,800
400
682LKP400M
60.951
14.14
77x155
6,800
450
682LKP450M
60.951
14.6
90x157
8,200
50
822LKP050M
50.545
3.58
35x50
8,200
63
822LKP063M
40.436
3.89
35x60
8,200
80
822LKP080M
40.436
4.42
35x80
8,200
100
822LKP100M
30.327
5.83
35x121
8,200
160
822LKP160M
30.327
9.04
51x115
8,200
200
822LKP200M
40.436
9.33
64x96
8,200
250
822LKP250M
40.436
10.09
64x115
8,200
350
822LKP350M
50.545
15.53
77x155
8,200
400
822LKP400M
50.545
16.03
90x157
8,200
450
822LKP450M
50.545
16.03
90x157
10,000
35
103LKP035M
49.736
3.53
35x50
10,000
50
103LKP050M
41.447
4.27
35x60
10,000
63
103LKP063M
33.157
4.77
35x80
10,000
80
103LKP080M
33.157
5.41
35x100
10,000
100
103LKP100M
33.157
6.03
51x80
+85°C Screw
Terminal Aluminum
Electrolytic Capacitors
10,000
160
103LKP160M
24.868
10.3
64x96
10,000
200
103LKP200M
33.157
10.3
64x96
10,000
250
103LKP250M
33.157
11.76
64x130
10,000
350
103LKP350M
41.447
17.71
90x157
10,000
400
103LKP400M
41.447
17.71
90x157
10,000
450
103LKP450M
41.447
19.53
90x196
12,000
35
123LKP035M
41.447
3.87
35x50
12,000
50
123LKP050M
34.539
4.68
35x60
12,000
63
123LKP063M
27.631
5.23
35x80
12,000
80
123LKP080M
27.631
6.47
35x121
12,000
100
123LKP100M
27.631
6.6
51x80
12,000
160
123LKP160M
20.723
11.29
64x96
12,000
200
123LKP200M
27.631
12.56
77x96
12,000
250
123LKP250M
27.631
13.01
77x115
12,000
350
123LKP350M
34.539
19.4
90x157
12,000
400
123LKP400M
34.539
21.4
90x196
12,000
450
123LKP450M
34.539
23.28
90x236
15,000
35
153LKP035M
33.157
3.96
35x60
15,000
50
153LKP050M
27.631
5.94
35x80
15,000
63
153LKP063M
22.105
5.88
35x100
15,000
80
153LKP080M
22.105
7.63
51x80
15,000
100
153LKP100M
22.105
8.86
51x121
15,000
160
153LKP160M
16.579
13.83
64x130
15,000
200
153LKP200M
22.105
14.04
77x96
15,000
250
153LKP250M
22.105
14.7
77x130
15,000
350
153LKP350M
27.631
23.93
90x196
15,000
400
153LKP400M
27.631
26.02
90x236
18,000
25
183LKP025M
36.841
3.35
35x50
18,000
35
183LKP035M
27.631
4.34
35x60
18,000
50
183LKP050M
23.026
6.51
35x80
18,000
63
183LKP063M
18.421
6.16
35x121
18,000
80
183LKP080M
18.421
8.35
51x80
18,000
100
183LKP100M
18.421
9.71
51x121
18,000
160
183LKP160M
13.816
15.15
64x130
18,000
200
183LKP200M
18.421
16.8
77x130
18,000
250
183LKP250M
18.421
17.4
77x155
18,000
350
183LKP350M
23.026
28.51
90x236
22,000
16
223LKP016M
45.214
4.16
35x50
22,000
25
223LKP025M
30.143
4.01
35x60


Similar Part No. - 222LKP450M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
222LRP100M ILLINOISCAPACITOR-222LRP100M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
222LRP160M ILLINOISCAPACITOR-222LRP160M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
222LRP200M ILLINOISCAPACITOR-222LRP200M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
222LRP250M ILLINOISCAPACITOR-222LRP250M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
More results

Similar Description - 222LKP450M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30A472NJ400 KEMET-ALS30A472NJ400 Datasheet
529Kb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com