Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

103LRP063M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 103LRP063M
Description  105째C Screw Terminal Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

103LRP063M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  103LRP063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 103LRP063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 103LRP063M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
LRP
+105°C Screw
Terminal Aluminum
Electrolytic Capacitors
PART
NUMBER
WVDC
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
PART
NUMBER
WVDC
Capacitance
(µF)
STANDARD PART LISTING
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
Capacitance
(µF)
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
Maximum
ESR
m
120Hz,+20°C
Maximum
ESR
m
120Hz,+20°C
1,000
160
102LRP160M
331.573
1.41
35x50
1,000
200
102LRP200M
331.573
1.64
35x60
1,000
250
102LRP250M
331.573
1.91
35x70
1,500
160
152LRP160M
221.049
1.87
35x60
1,500
200
152LRP200M
221.049
2.15
35x70
1,500
250
152LRP250M
221.049
2.48
35x90
2,200
100
222LRP100M
113.036
1.78
35x60
2,200
160
222LRP160M
150.715
2.28
35x70
2,200
200
222LRP200M
150.715
2.71
35x90
2,200
250
222LRP250M
150.715
2.76
51x70
3,300
100
332LRP100M
75.357
1.97
35x60
3,300
160
332LRP160M
100.477
2.95
35x90
3,300
200
332LRP200M
100.477
3.13
51x80
3,300
250
332LRP250M
100.477
3.51
51x90
4,700
100
472LRP100M
52.911
2.42
35x70
4,700
160
472LRP160M
70.547
3.44
51x80
4,700
200
472LRP200M
70.547
3.62
51x90
5,600
100
562LRP100M
44.407
2.78
35x90
5,600
160
562LRP160M
59.209
3.96
51x90
6,800
63
682LRP063M
60.951
2.31
35x70
6,800
100
682LRP100M
48.761
2.9
51x70
8,200
50
822LRP050M
60.654
2.22
35x60
8,200
63
822LRP063M
50.545
2.52
35x80
8,200
100
822LRP100M
40.436
3.37
51x80
10,000
50
103LRP050M
49.736
2.43
35x70
10,000
63
103LRP063M
41.447
2.88
35x90
10,000
100
103LRP100M
33.157
3.92
51x90
15,000
35
153LRP035M
44.210
2.32
35x60
15,000
50
153LRP050M
33.157
3.05
35x80
15,000
63
153LRP063M
38.683
3.26
51x70
15,000
100
153LRP100M
22.105
4.08
51x90
18,000
50
183LRP050M
36.841
3.37
51x70
22,000
16
223LRP016M
52.750
2.13
35x50
22,000
25
223LRP025M
33.911
2.66
35x60
22,000
35
223LRP035M
30.143
3.2
35x80
22,000
50
223LRP050M
30.143
3.61
51x70
22,000
63
223LRP063M
26.375
4.4
51x90
27,000
80
273LRP080M
15.351
9.08
51x90
33,000
10
333LRP010M
40.191
2.26
35x50
33,000
16
333LRP016M
35.167
2.82
35x60
33,000
25
333LRP025M
22.607
3.7
35x80
33,000
35
333LRP035M
25.119
3.95
51x70
33,000
50
333LRP050M
20.095
4.42
51x90
40,000
50
403LRP050M
16.579
5.42
51x90
47,000
10
473LRP010M
28.219
2.91
35x60
47,000
16
473LRP016M
24.692
3.82
35x80
47,000
25
473LRP025M
15.873
4.65
35x90
47,000
35
473LRP035M
17.637
4.99
51x80
56,000
10
563LRP010M
23.684
3.4
35x70
56,000
16
563LRP016M
20.723
4.4
35x90
56,000
25
563LRP025M
17.763
4.7
51x70
56,000
35
563LRP035M
14.802
5.73
51x90
68,000
10
683LRP010M
19.504
3.98
35x80
68,000
16
683LRP016M
21.942
4.38
51x70
68,000
25
683LRP025M
14.628
5.77
51x90
100,000
10
104LRP010M
16.579
4.75
51x70
100,000
16
104LRP016M
14.921
5.92
51x90
150,000
10
154LRP010M
11.052
6.48
51x90


Similar Part No. - 103LRP063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103LKP035M ILLINOISCAPACITOR-103LKP035M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
103LKP050M ILLINOISCAPACITOR-103LKP050M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
103LKP063M ILLINOISCAPACITOR-103LKP063M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
103LKP080M ILLINOISCAPACITOR-103LKP080M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
103LKP100M ILLINOISCAPACITOR-103LKP100M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
More results

Similar Description - 103LRP063M

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com