Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109LBA025M2BG Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 109LBA025M2BG
Description  85째C Snap-Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

109LBA025M2BG Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  109LBA025M2BG Datasheet HTML 1Page - Illinois Capacitor, Inc. 109LBA025M2BG Datasheet HTML 2Page - Illinois Capacitor, Inc. 109LBA025M2BG Datasheet HTML 3Page - Illinois Capacitor, Inc. 109LBA025M2BG Datasheet HTML 4Page - Illinois Capacitor, Inc. 109LBA025M2BG Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
114
®
LBA
+ 85°C Snap-Mount
Aluminum Electrolytic
Capacitors
PHYSICAL DIMENSIONS
35
(44)
16
(20)
10
(13)
80
(100)
50
(63)
63
(79)
100
(125)
160
(200)
200
(250)
250
(300)
350
(400)
400
(450)
WVDC
(SV)
µF
25
(32)
450
(500)
500
(550)
47
22x25
68
25x25
100
22x30
22x30
22x35
22X40
25x25
25X30
30X25
150
25x20
25x30
22x40
25x40
22X50
25x30
25X40
30X35
35X30
220
22x20
22x25
22x30
30x30
22x50
30x40
25X50
25x20
25x25
25x40
30X45
30x20
35X35
330
22x25
22x30
22x40
30x40
30x45
35x40
35X45
25x25
25x30
35x30
30x25
470
25x25
22x40
22x50
30x30
35x45
35x50
25x30
25x40
35x40
40x35
25x35
30x25
560
25x35
30x35
680
22x25
30x25
25x40
30x35
35x25
30x40
35x30
820
30x40
30x45
35x35
1000
22x25
22x35
30x30
30x45
30x45
25x25
30x35
35x30
30x50
35x25
35x35
35x40
1200
30x35
30x45
35x45
35x30
30x50
35x50
35x35
35x40
1500
22x25
25x25
25x35
35x35
35x40
35x50
35x45
1800
30x50
35x45
35x40
35x50
2200
25x20
22x25
25x25
22x40
25x45
35x50
35x50
25x35
30x35
40x40
35x30
3300
22x25
22x30
25x35
25x45
35x35
25x25
35x30
40x30
4700
22x25
22x30
22x40
25x35
22x35
35x45
25x25
25x35
25x45
35x30
40x35
30x25
30x30
35x25
35x35
5600
22x30
6800
22x35
22x35
25x45
35x35
35x45
25x25
22x40
35x30
25x30
30x25
8200
22x25
22x35
25x35
30x40
10000
22x30
22x45
25x40
35x35
35x45
25x25
25x35
30x30
30x25
35x25
15000
25x25
22x40
25x45
30x40
35x45
30x25
35x30
35x35
22000
30x25
22x50
35x35
35x45
30x30
40x30
35x25
33000
30x40
35x50
35x30
47000
30x50
35x40
Convert to inches, divide by 25.4.
DxL(mm)


Similar Part No. - 109LBA025M2BG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
109LBA025M2BE ILLINOISCAPACITOR-109LBA025M2BE Datasheet
399Kb / 6P
   Standard 2000 hrs
109LBA025M2BE ILLINOISCAPACITOR-109LBA025M2BE Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
109LBA025M2BE ILLINOISCAPACITOR-109LBA025M2BE Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
More results

Similar Description - 109LBA025M2BG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_13 Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com