Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

675- Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 675-
Description  105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

675- Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  675- Datasheet HTML 1Page - Illinois Capacitor, Inc. 675- Datasheet HTML 2Page - Illinois Capacitor, Inc. 675- Datasheet HTML 3Page - Illinois Capacitor, Inc. 675- Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
135
®
WVDC
SVDC
tan
δ
Dissipation Factor
120Hz, 20°C
Surge Voltage
I Long life (20+ years @ 20°C)
I High ripple current ratings
I Multiple cases sizes
FEATURES
LMX
+105°C 5000 hour
Snap-Mount Aluminum
Electrolytic Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
-25°C to +105°C
Leakage Current
±20% at 120Hz, 20°C
Shelf life
Impedance Ratio at low
Temperature
120Hz
WVDC
-25°C/20°C
I 2, 3 and 4 leads available
I Lead free leads
I PC board mountable
200
250
400
450
.15
.15
.15
.15
200
250
400
450
250
300
450
500
WVDC
Time
.02CV or 3000µA,
whichever is less
Load Life
5,000 hours at 105°C with rated WVDC and ripple current
≤ 20% of initial measured value
≤175% of initial specified value
≤100% Initial specified value
Capacitance change
Dissipation factor
Leakage current
5 minutes
200
250
400
450
44
6
6
Ripple Current
Multipliers
50
120
400
1k
10k
105
.8
1.0
1.1
1.3
1.4
1.0
85
70
60
≤45
1.8
2.0
2.2
2.5
SPECIAL ORDER OPTIONS
3 and 4 leaded terminations
Special tolerances: ±10%(K), -10% + 30%(Q)
Epoxy end sealed
Mylar sleeve
Frequency (Hz)
Temperature (°C)
1,000 hours at 105°C with rated WVDC and ripple current
≤ 20% of initial measured value
≤175% of initial specified value
≤The Initial specified value
Capacitance change
Dissipation factor
Leakage current
(See pages 33 thru 37)


Similar Part No. - 675-

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
675-10.5M-33-03 OSCILENT-675-10.5M-33-03 Datasheet
143Kb / 3P
   SMD Resonator
675-10.5M-33-03-N-TR OSCILENT-675-10.5M-33-03-N-TR Datasheet
143Kb / 3P
   SMD Resonator
675-10.5M-33-03-W-TR OSCILENT-675-10.5M-33-03-W-TR Datasheet
143Kb / 3P
   SMD Resonator
logo
Marl International Limi...
675-501-00-50 MARL-675-501-00-50 Datasheet
319Kb / 4P
   횠12.7mm Mounting RIA 12 approved, spike and transient protected with a reverse protection diode
675-501-00-50_1309 MARL-675-501-00-50_1309 Datasheet
319Kb / 4P
   high performance panel lamps
More results

Similar Description - 675-

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
   105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
LSM101M2G220300 RFE-LSM101M2G220300 Datasheet
173Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS LSM Series: Snap-in, 105째C
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
logo
RFE international
LSK101M2G220350 RFE-LSK101M2G220350 Datasheet
164Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LSK Series: Snap-In, 105C, 5000 hrs
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com