Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EER50 Datasheet(PDF) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Part # EER50
Description  EER CORES. ETD CORES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Direct Link  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

EER50 Datasheet(HTML) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  EER50 Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. EER50 Datasheet HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EER42,ETD-core,EER-core,EER40,EER20,EER35,EER cores,EER28,EER30,EER34,EER43,EER45,EER50,ETD cores,
HOME
PRODUCTS
PROFILE
CONTACT
SITEMAP
CATALOG
p
EER CORES
ETD CORES
Description of the “E” patterns
The "E" patterns are sought that are easy to assemble, could be interleave to minimize gap effects, and would
minimize waste. Since “E” cores have two open coil sides, they provide substantial room to bring high current
lead wires out from the coil. It is easier to achieve high voltage electrical isolation with an “E” core. In the typical
“E” lamination, the center leg (one of three legs) is twice the width of either outer leg. In theory, magnetic flux
flowing out of the center leg divides equally and flows into the outer two "E" core legs. Since the outer legs
handle half the flux they only need to have half the cross-section that the center leg has. It is easier to achieve
high voltage electrical isolation with an “E” core than with a pot core.
Presentation of EER-core and ETD-core
EER-core and ETD-core are examples of type “E” cores with round center legs. The combined cross section of the
two outer legs of EER cores and ETD cores should equal or exceed that of the center leg. The core stack is a
stack of laminations and the typical stack has core legs of rectangular cross-section. Typically the inductor or
transformer coil is placed over the center core leg. To minimize winding resistance (hence also minimize winding
losses) it is desirable to have a round center leg. A round center leg also eliminates the sharp bend encountered
when winding wire around a rectangular leg; consequently a round center leg permits use of larger wire.
Achieving round center legs with laminations is possible but very impractical. With the development of powdered
cores and ferrite cores it became practical to have a round center leg. EER-core and ETD-core type, such as
EER42, EER40, EER20, EER35, EER28, EER30, EER34, EER43, EER45, EER50, etc, ferrite cores are developed for
higher power higher frequency switching transformers.
Application of EER-core and ETD-core
EER cores and ETD cores are usually larger, but have a wide winding area, which makes them particularly good
for higher power designs or multiple output designs. Remember a larger core size will be needed for a margin
wound type transformer than for a triple insulated type to allow room for the margins. EER cores with round
center leg offer ideal features for the design of SMPS transformers chokes. We offer various EER cores and ETD
cores, including EER42, EER40, EER20, EER35, EER28, EER30, EER34, EER43, EER45, EER50, EER49, EER25.5,
EER55, EER54, EER53, ETD29, ETD34, ETD39, ETD49, ETD44, ETD10, ETD41, ETD32, ETD59, ETD31, and
ETD22. Please find our details of ETD-core and EER-core by types and dimensions data shown as below.
Type
Dimensions(mm)
A
B
C
D
E
F
EER25
25.3±0.6
9.3±0.3
7.5 ± 0.3
7.5 ± 0.3
19.8
6.2 ± 0.3
EER28A
28.5±0.6
14.0 ± 0.3
11.4 ± 0.3
9.9±0.3
21.2
9.6±0.3
EER28B
28.5±0.6
16.9 ± 0.3
11.4 ± 0.3
9.9 ± 0.3
21.2
12.5 ± 0.3
ETD29
29.8±0.8
15.8 ± 0.2
9.5 ± 0.3
9.5 ± 0.3
22.0
11.0 ± 0.3
EER30
30.0 ± 0.8
17.5 ± 0.3
11.2 ± 0.3
9.9 ± 0.3
22.5
12.6 ± 0.3
ETD34
34.2 ± 0.8
17.3 ± 0.2
10.8 ± 0.3
10.8 ± 0.3
25.6
12.1 ± 0.3
EER35A
35.0 ± 0.7
21.0 ± 0.3
11.3 ± 0.4
11.3 ± 0.3
25.3
15.0 ± 0.3
EER35/34B
35.0 ± 0.7
16.8 ± 0.3
11.3 ± 0.4
11.3 ± 0.3
25.3
10.8 ± 0.3
EER35C
36.0 ± 0.7
21.6 ± 0.4
11.3 ± 0.4
11.3 ± 0.4
26.5
15.6 ± 0.4
EER37
36.0 ± 0.6
20.7 ± 0.3
11.3 ± 0.3
11.3 ± 0.3
27.6
14.7 ± 0.3
ETD39
39.1 ± 0.9
19.8 ± 0.2
12.6 ± 0.4
12.5 ± 0.3
29.3
14.6 ± 0.4
EER40A
40.0 ± 0.8
22.4 ± 0.3
13.3 ± 0.3
13.3 ± 0.3
29.0
15.4 ± 0.3
EER40B
44.0 ± 0.8
22.4 ± 0.3
13.3 ± 0.3
13.3 ± 0.3
29.3
15.4 ± 0.3
EER40C
40.0± 0.7
22.9 ± 0.3
13.3 ± 0.3
13.3 ± 0.3
29.5
15.9 ± 0.3
EER40D
40.2± 0.5
21.4± 0.3
15.5± 0.3
15.5± 0.3
29.4
15.4± 0.3
EER40E
40.0 +0.6
-0.5
23.0± 0.3
13.3± 0.3
13.3± 0.3
29.0
16.0± 0.3
EER40F
41.0max
22.8±0.3
13.3±0.4
13.3±0.3
29.5
15.8±0.3
EER40G
40.8 +0.1
-0.5
21.3±0.2
15.0±0.2
14.0±0.25
30.7
15.3±0.2
EER40H
41.0±0.7
24.0 + 0.3
- 0
13.0 +0
-0.3
13.0 +0
-0.3
30.0
17.0 +0.3
-0
EER49A
49.0 ±0.8
26.2 ±0.4
17.0 ±0.5
17.0 ±0.5
36.5
18.7 +0.3
-0.2
EER49B
49.0 ±1.0
27.0 ±0.3
17.2 ±0.4
17.2 ±0.3
36.5
18.7 ±0.3
ETD49
49.0 ±1.0
24.7 ±0.3
16.3 ±0.4
16.3 ±0.4
36.1
18.1 ±0.4
EER50
50.5 ±0.8
27.0 ±0.3
18.7 ±0.4
18.7 ±0.4
38.0
18.7 ±0.3
EER53
53.2 ±0.8
23.2 ±0.3
21.5 ±0.3
20.0 +0.2
-0.3
38.7
16.3 ±0.3
EER54
54.2 ±0.8
25.1 ±0.4
18.9 ±0.4
18.9 ±0.3
40.5
17.5±0.3
EER55A
56.0 ±0.8
30.7 ±0.3
20.4 ±0.3
20.4 ±0.3
44.0
22.9±0.3
EER55B
55.9 ±1.0
29.0 ±0.3
24.3 ±0.5
20.2 ±0.3
43.5
20.4±0.3
Copyright 2005 YUXIANG Magnetic Materials Ind. Co.,Ltd.All Rights Reserved.
Add:16F1,jinyuan building,NO.57,hubin S.Rd.,Xiamen,China.361004
Tel : (86)592 2225286 (86)592 2219816 (86)592 2217138 Fax: (86)592 2207122
Email : yingli@magnets.com.cn yuxiang@sohu.net


Similar Part No. - EER50

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EER-137 SUMIDA-EER-137 Datasheet
116Kb / 1P
   General Power Transformer
logo
FERYSTER Inductive Comp...
EER28-K-V-18P-MS FERYSTER-EER28-K-V-18P-MS Datasheet
206Kb / 1P
   COIL FORMER
logo
Sumida Corporation
EER359 SUMIDA-EER359 Datasheet
437Kb / 1P
   Transformer
EER3810 SUMIDA-EER3810 Datasheet
220Kb / 2P
   General Power Transformer
More results

Similar Description - EER50

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
9578404602 FAIR-RITE-9578404602 Datasheet
511Kb / 1P
   EER Cores
9595283402 FAIR-RITE-9595283402 Datasheet
511Kb / 1P
   EER Cores
9595424402 FAIR-RITE-9595424402 Datasheet
510Kb / 1P
   EER Cores
9578354202 FAIR-RITE-9578354202 Datasheet
511Kb / 1P
   EER Cores
9598354202 FAIR-RITE-9598354202 Datasheet
511Kb / 1P
   EER Cores
9598404602 FAIR-RITE-9598404602 Datasheet
511Kb / 1P
   EER Cores
9595354202 FAIR-RITE-9595354202 Datasheet
510Kb / 1P
   EER Cores
9595495402 FAIR-RITE-9595495402 Datasheet
511Kb / 1P
   EER Cores
9598261802 FAIR-RITE-9598261802 Datasheet
511Kb / 1P
   EER Cores
9595261802 FAIR-RITE-9595261802 Datasheet
511Kb / 1P
   EER Cores
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com