Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM0802F-FL-YBH-C Datasheet(PDF) 4 Page - ZETTLER Electronics

Part # ACM0802F-FL-YBH-C
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

ACM0802F-FL-YBH-C Datasheet(HTML) 4 Page - ZETTLER Electronics

  ACM0802F-FL-YBH-C Datasheet HTML 1Page - ZETTLER Electronics ACM0802F-FL-YBH-C Datasheet HTML 2Page - ZETTLER Electronics ACM0802F-FL-YBH-C Datasheet HTML 3Page - ZETTLER Electronics ACM0802F-FL-YBH-C Datasheet HTML 4Page - ZETTLER Electronics ACM0802F-FL-YBH-C Datasheet HTML 5Page - ZETTLER Electronics ACM0802F-FL-YBH-C Datasheet HTML 6Page - ZETTLER Electronics ACM0802F-FL-YBH-C Datasheet HTML 7Page - ZETTLER Electronics ACM0802F-FL-YBH-C Datasheet HTML 8Page - ZETTLER Electronics ACM0802F-FL-YBH-C Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ACM0802F-FL-YBH-C GRAPHIC MODULE VER1.0
DISPLAYTRONIC XIAMEN ZETTLER ELECTRONICS CO., LTD.
3
1.0 MECHANICAL SPECS
1.
Overall Module Size (W*H*T)
39.42*48.5*8.0(MAX)mm
2.
Viewing Area (W*H)
35.0X14.5mm
3.
Dot Size
0.600*0.645
4.
Dot Pitch
0.657*0.700
5.
Driving Method
1/16Duty, 1/4Bias,VLCD=4.5V
6.
Controller IC
ST7032I-0D OR EQU
7.
LCD Type
STN(Y/G) ,Positive ,Transflective
8.
Viewing Direction
6 O’Clock
9.
Interface
I
2C
10. Backlight
LED-Side Y-G
11. Operating Temperature
Wide (-20ºC ~ 70ºC)
12. Rohs
Conforms
2.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature
Top
-20
-
70
ºC
Storage temperature
Tst
-30
-
80
ºC
Input voltage
Vin
Vss
Vdd
V
Supply voltage for logic
Vdd- Vss
2.7
-
3.6
V
Supply voltage for LCD drive
Vdd- Vo
3.0
6.5
V
3.0 ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min
Typ
Max
Unit
Power Supply Voltage
VDD
Ta=25ºC
-
3.3
V
Power Supply Current
Idd
Vdd=3.3V
-
1.0
mA
Input voltage (high)
Vih
H level
2.2
-
Vdd
V
Input voltage (low)
Vil
L level
0
-
0.6
V
-20ºC
-
-
5.5
25ºC
4.3
4.5
4.7
Recommended LC Driving
Voltage
Vdd -Vo
70ºC
3.6
-
-
V
LED Power Supply Voltage
VF
Ta=25ºC
3.0
3.15
3.3
V
LED Power Supply Current
IF
VF=3.15V
-
40
-
mA


Similar Part No. - ACM0802F-FL-YBH-C

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM0802F AZDISPLAYS-ACM0802F Datasheet
1Mb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ACM0802F-FL-YBH-C

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com