Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM1601H Datasheet(PDF) 4 Page - ZETTLER Electronics

Part # ACM1601H
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

ACM1601H Datasheet(HTML) 4 Page - ZETTLER Electronics

  ACM1601H Datasheet HTML 1Page - ZETTLER Electronics ACM1601H Datasheet HTML 2Page - ZETTLER Electronics ACM1601H Datasheet HTML 3Page - ZETTLER Electronics ACM1601H Datasheet HTML 4Page - ZETTLER Electronics ACM1601H Datasheet HTML 5Page - ZETTLER Electronics ACM1601H Datasheet HTML 6Page - ZETTLER Electronics ACM1601H Datasheet HTML 7Page - ZETTLER Electronics ACM1601H Datasheet HTML 8Page - ZETTLER Electronics ACM1601H Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACM1601H SERIES CHARACTER MODULE VER1.1
1.0 MECHANICAL SPECS
1.
Overall Module Size
122.0mm(W) x 33.0mm(H) x max 14.5mm(D) for LED
backlight version
122.0mm(W) x 33.0mm(H) x max 9.5mm(D) for reflective
version
2.
Dot Size
0.92mm(W) x 1.10mm(H)
3.
Dot Pitch
0.98mm(W) x 1.16mm(H)
4.
Duty
1/16
5.
Controller IC
SPLC780D or compatible
6.
LC Fluid Options
TN, STN
7.
Polarizer Options
Reflective, Transflective, Transmissive
8.
Backlight Options
LED
9.
Temperature Range Options
Standard (0ºC ~ 50ºC), Wide (-20ºC ~ 70ºC)
2.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature (Standard)
Top
0
-
50
ºC
Storage temperature (Standard)
Tst
-10
-
60
ºC
Operating temperature (Wide temperature)
Top
-20
-
70
ºC
Storage temperature (Wide temperature)
Tst
-30
-
80
ºC
Input voltage
Vin
Vss
Vdd
V
Supply voltage for logic
Vdd- Vss
2.7
-
5.5
V
Supply voltage for LCD drive
Vdd- Vo
3.0
4.6
6.5
V
3.0 ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min
Typ
Max
Unit
Input voltage (high)
Vih
H level
2.2
-
Vdd
V
Input voltage (low)
Vil
L level
0
-
0.6
V
0ºC
-
4.8
5.4
25ºC
4.2
4.6
-
Recommended LC Driving
Voltage (Standard Temp)
Vdd - Vo
50ºC
3.9
4.3
-
V
-20ºC
-
6.4
0ºC
-
4.8
-
Recommended LC Driving
Voltage (Wide Temp)
Vdd -Vo
70ºC
3.7
-
V
Power Supply Current
Idd
Vdd=5.0V,
fosc=270kHz
-
0.5
1.0
mA
LED Power Supply Voltage
Vfled
IF=160mA
-
4.1
4.3
V
LED Power Supply Current
Ifled
5.0V, 6.8
Ω
-
130
200
mA
DISPLAYTRONIC XIAMEN ZETTLER ELECTRONICS CO., LTD.


Similar Part No. - ACM1601H

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1601H AZDISPLAYS-ACM1601H Datasheet
74Kb / 7P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ACM1601H

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com