Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

126MARA01KR Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 126MARA01KR
Description  Axial Leaded Metallized Polypropylene Film
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

126MARA01KR Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  126MARA01KR Datasheet HTML 1Page - Illinois Capacitor, Inc. 126MARA01KR Datasheet HTML 2Page - Illinois Capacitor, Inc. 126MARA01KR Datasheet HTML 3Page - Illinois Capacitor, Inc. 126MARA01KR Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
203
®
MAR
STANDARD PARTS LISTING
Axial Leaded Metallized
Polypropylene Film
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
PART
NUMBER
Maximum
RMS
Current
@100 kHz,
+70°C in Amps
Dimensions
DxL
(mm)
6.8
500
685MARA03KN
35
8.5
8.7
22x46
6.8
600
685MARA02KN
50
11
6.4
26x46
6.8
700
685MARA06KN
60
12.5
6.3
30.5x46
6.8
700
685MARA06KR
45
11.5
7.4
27x55
6.8
700
685MARA06KS
35
11
8.2
25.5x59
6.8
800
685MARA01KR
50
13
6.5
30x55
6.8
800
685MARA01KS
40
12.5
7.3
28.5x59
10
370
106MARA04KJ
40
10
6
24x32
10
370
106MARA04KN
25
9.5
7
21.5x46
10
500
106MARA03KN
35
11
6.7
26x46
10
500
106MARA03KR
25
10.5
7.4
23.5x55
10
600
106MARA02KN
50
13.5
5.4
31x46
10
600
106MARA02KR
35
13.5
6.3
27x55
10
600
106MARA02KS
25
11.5
7.1
26x59
10
700
106MARA06KR
45
14
6.1
32x55
10
700
106MARA06KS
35
13.5
6.8
30x59
10
800
106MARA01KR
50
14
5.4
35x55
10
800
106MARA01KS
40
14
6.1
33.5x59
12
500
126MARA03KN
35
12
6.1
28x46
12
500
126MARA03KR
25
11.5
6.7
25x55
12
600
126MARA02KR
35
14
5.7
29.5x55
12
600
126MARA02KS
25
13
6.5
28x59
12
700
126MARA06KR
45
14
5.5
35x55
12
700
126MARA06KS
35
14
6.1
30x59
12.5
800
126MARA01KR
50
14
4.9
40.5x55
12.5
800
126MARA01KS
40
14
5.5
37.5x59
15
370
156MARA04KN
25
10.5
5.7
25.5x46
15
500
156MARA03KN
35
13.5
5.4
31x46
15
500
156MARA03KR
25
13
6
28x55
15
500
156MARA03KS
20
12.5
6.8
26.5x59
15
600
156MARA02KR
35
14
5
33x55
15
600
156MARA02KS
25
14
5.6
31x59
15
700
156MARA06KR
45
14
4.9
36.5x55
15
700
156MARA06KS
35
14
5.4
38.5x59
15
800
156MARA01KS
40
14
5.1
41x59
Typical
ESR
in (
Ω)
100kHz, 25°C
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
PART
NUMBER
Maximum
RMS
Current
@100 kHz,
+70°C in Amps
Dimensions
DxL
(mm)
18
700
186MARA06KR
45
14
4.5
41.5x55
18
700
186MARA06KS
35
14
4.9
39.5x59
20
370
206MARA04KN
25
13.5
5
29x46
20
500
206MARA03KR
25
14
5.1
31.5x55
20
500
206MARA03KS
20
14
5.8
30x59
20
600
206MARA02KR
35
14
4.3
37x55
20
600
206MARA02KS
25
14
4.7
35x59
20
700
206MARA06KS
35
14
4.7
41.5x59
22
370
226MARA04KN
25
14
4.7
30.5x46
22
500
226MARA03KR
25
14
4.8
35x55
22
500
226MARA03KS
20
14
5.4
31x59
22
600
226MARA02KR
35
14
4.1
39x55
22
600
226MARA02KS
25
14
4.5
37x59
25
370
256MARA04KN
25
14
4.4
32x46
25
500
256MARA03KR
25
14
4.5
35x55
25
500
256MARA03KS
20
14
5
33x59
25
600
256MARA02KR
35
14
3.8
41.5x55
25
600
256MARA02KS
25
14
4.2
39x59
30
370
306MARA04KR
20
14
4.5
31x55
30
370
306MARA04KS
15
14
5.3
29.5x59
30
500
306MARA03KR
25
14
4.1
38x55
30
500
306MARA03KS
20
14
4.5
36x59
33
370
336MARA04KR
20
14
4.3
32.5x55
33
370
336MARA04KS
15
14
5
31x59
33
500
336MARA03KR
25
14
3.9
39.5x55
33
500
336MARA03KS
20
14
4.3
37.5x59
35
500
356MARA03KR
25
14
3.8
41x55
35
500
356MARA03KS
20
14
4.2
38.5x59
40
370
406MARA04KR
20
14
3.9
36x55
40
370
406MARA04KS
15
14
4.5
33.5x59
40
500
406MARA03KS
20
14
3.9
41x59
50
370
506MARA04KR
20
14
3.5
40x55
50
370
506MARA04KS
15
14
3.9
37x59
60
370
606MARA04KS
15
14
3.5
40x59
Typical
ESR
in (
Ω)
100kHz, 25°C
WVDC
L max
35.0 MIN
d
D
max
cap(µF)
d
370
C
≤5
C>10
1.2
.8
5<C<10
1.0
500
C
≤3.3
C>6.8
1.2
.8
3.3<C<6.8
1.0
600
C<2.5
C>4
1.2
.8
2.5<C
≤5
1.0
700
C<1.5
C>4
1.2
.8
1.5<C
≤4
1.0
800
C<1.2
C>4
1.2
.8
1.2<C
≤4
1.0
35.0 MIN


Similar Part No. - 126MARA01KR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
126MARA01KR ILLINOISCAPACITOR-126MARA01KR Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
More results

Similar Description - 126MARA01KR

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
935C1W1K-F CDE-935C1W1K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
224MARA01KG ILLINOISCAPACITOR-224MARA01KG_13 Datasheet
441Kb / 4P
   Axial Leaded Polypropylene Film
logo
Cornell Dubilier Electr...
936 CDE-936 Datasheet
521Kb / 2P
   Axial Leaded Metallized Polypropylene Capacitor
936C CDE-936C Datasheet
521Kb / 2P
   Axial Leaded Metallized Polypropylene Capacitor
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
472PPA302KG ILLINOISCAPACITOR-472PPA302KG_13 Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
105MPL100K ILLINOISCAPACITOR-105MPL100K_13 Datasheet
195Kb / 2P
   Axial leaded metallized polypropylene film capacitors with Lug terminals
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com