Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C520 Datasheet(PDF) 9 Page - Cooper Bussmann, Inc.

Part # C520
Description  PCB & Small Dimension Fuses
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C520 Datasheet(HTML) 9 Page - Cooper Bussmann, Inc.

Back Button C520 Datasheet HTML 5Page - Cooper Bussmann, Inc. C520 Datasheet HTML 6Page - Cooper Bussmann, Inc. C520 Datasheet HTML 7Page - Cooper Bussmann, Inc. C520 Datasheet HTML 8Page - Cooper Bussmann, Inc. C520 Datasheet HTML 9Page - Cooper Bussmann, Inc. C520 Datasheet HTML 10Page - Cooper Bussmann, Inc. C520 Datasheet HTML 11Page - Cooper Bussmann, Inc. C520 Datasheet HTML 12Page - Cooper Bussmann, Inc. C520 Datasheet HTML 13Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Electronic — PCB & Small Dimension Fuses
HBH-I (for 1
4
”x 114” fuses)
HBH-M (for 5 x 20mm fuses)
PCB Horizontal
Mount
Specifications
Description:
PCB
horizontal mount
fuse holder.
Dimensions:
See
Dimensions
illustration.
Ratings:
See Specifications
table.
Dimensions
HBV-I (for 1
4
”x 114” fuses)
HBV-M (for 5 x 20mm fuses)
PCB Vertical Mount
with Stability Pins
Specifications
Description:
PCB
vertical mount fuse
holder with stability
pins.
Dimensions:
See
Dimensions illustration.
Ratings:
See Specifications
table.
Dimensions
HBW-I (for 1
4
”x 114” fuses)
HBW-M (for 5 x 20mm fuses)
PCB Vertical Mount
without Stability
Pins
Specifications
Description:
PCB
vertical mount fuse
holder without stability
pins.
Dimensions:
See Dimensions
illustration.
Ratings:
See Specifications table.
Dimensions
PC board mount fuse holders
0.469"
(12.0mm)
0.250"
(6.4mm)
Panel
0.700"
(17.8mm)
0.600"
(15.2mm)
0.050" Dia. 3 Holes
(1.3mm)
PC Board
0.510"
(13.0mm)
1.855"
(47.0mm)
0.040"
(1.05mm)
0.580"
(14.9mm)
0.200"
(5.0mm)
0.200"
(5.0mm)
0.100" Dia. 4 Holes
(2.54mm)
Panel
PC Board
0.531"
(13.5mm)
0.400"
(10.0mm)
0.050" Dia. 2 Holes
(1.3mm)
0.510"
(13.0mm)
1.855"
(47.0mm)
0.040"
(1.05mm)
0.580"
(14.9mm)
Panel
PC Board
0.531"
(13.5mm)
0.400"
(10.0mm)
0.050"
Dia. 2 Holes
(1.3mm)
Data Sheet: 2118
Data Sheet: 2118
Data Sheet: 2118
FBI
FBM
Fuse Holder Caps (Fit all three shown above)
Specifications
Electrical Ratings: UL — 16A @ 250V; CSA — 12A @ 250V; VDE — 6.3A @ 250V; SEMKO — 10A @ 250V
Insulation resistance — 10,000 megohm at 500Vdc. Contact resistance — less than 0.005 ohms
@ 200mV. Dielectric strength — over 200V/mil.
Molded Material: High dielectric molded phenolic with a UL 94V0 flammability rating.
Fuse Carrier & Knob: Spring-loaded, bayonet-type. Tin plated brass. Screwdriver slotted.
Mounting: “Kicked” terminals (all models) and stabilizer pins on HBV & HBW models for increased stability.
Temperature Rating (RTI): Body: 150ºC, Knob: 130ºC
Agency Information: CE, UL Recognized — Guide IZLT2, File EI4853;
CSA Certified — Class 6225-01, File 47235
VDE — 4009241 (HBV, HBW)
SEMKO — 800444


Similar Part No. - C520

ManufacturerPart #DatasheetDescription
logo
Powerbox
C520 POWERBOX-C520 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Eaton All Rights Reserv...
C520 EATON-C520 Datasheet
288Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
logo
Cooper Bussmann, Inc.
C520-1.5-R COOPER-C520-1.5-R Datasheet
213Kb / 2P
   5 x 15mm Glass Tube Fuses
logo
Eaton All Rights Reserv...
C520-1.5-R EATON-C520-1.5-R Datasheet
288Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
logo
Cooper Bussmann, Inc.
C520-100-R COOPER-C520-100-R Datasheet
213Kb / 2P
   5 x 15mm Glass Tube Fuses
More results

Similar Description - C520

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
Japan Aviation Electron...
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
Murata Manufacturing Co...
DLP11RN450UL2 MURATA1-DLP11RN450UL2_V01 Datasheet
309Kb / 3P
   Small size and tight dimension.
Last updated08/01/2022
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Maxim Integrated Produc...
USB2PMB2 MAXIM-USB2PMB2 Datasheet
1Mb / 16P
   Small PCB Area
Rev 0; 9/15
USB2PMB1 MAXIM-USB2PMB1 Datasheet
1Mb / 15P
   Small PCB Area
Rev 1; 6/15
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
834 LITTELFUSE-834 Datasheet
83Kb / 1P
   PCB mount, vertical for 5x20 mm Fuses
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
   Small and compact PCB construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com