Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM363FX Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # SM363FX
Description  Safety Module fused disconnect switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SM363FX Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

Back Button SM363FX Datasheet HTML 2Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 3Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 4Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 5Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 6Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 7Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 8Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 9Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 10Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
312
Disconnects
Power Module™ — all-in-one elevator disconnect
PS Data Sheet: 1145
PMP Data Sheet: 1146
PMP
Power Module™ Panel for multiple elevator applications
PS
Power Module™ Switch for single elevator applications
PS & PMP
Cooper Bussmann® Power Module™
Specifications
Description:
Fusible power switch with shunt trip and fire
safety interface to allow for single point tie in with fire alarm
system.
Ratings:
Volts: — 600Vac, 3Ø
Amps: — 30-400A (PS)
— 30-400A (PMP feeder switches)
— 400-800A (PMP main switches*)
SCCR: — 200,000A rms
*Contact Cooper Bussmann for applications greater than 800A.
Agency Information:
Complies with NFPA 70 (NEC®;
National Electrical Code®), ANSI/ASME A17.1 (Safety Code
for Elevators and Escalators), NFPA 72 (National Fire Alarm
Code®)
— Power Module Switch; UL Listed (UL 98) Enclosed and
Dead front switch Guide 96NK3917, File E182262, NEMA 1,
UL 50 Listed enclosure**, ULc per Canadian Standards
C22.2, No. 0-M91-CAN/CSA C22.2, No. 4-M89 Enclosed
switch.
**NEMA 12, 3R, and 4 enclosures also available
— Power Module Panel; UL Listed (UL 67) Panel Boards or
(UL 891) Dead Front Switchboard, File E181664, ULc per
Canadian Standards, Service Entrance Rated.
Features and Benefits
• Internally powered, relay activated shunt trip system.
• Mechanically interlocked auxiliary contact.
• Self-contained adherence to elevator consensus standards,
NFPA 70 (NEC®). NFPA 72, ANSI/ASME 17.1.
Typical Applications
• Elevator Disconnects
• Computer Room Shunt Trip Disconnect
• Fire Safety Interface Relay
Accessories
• For added safety, use the Cooper Bussmann SAMI™ fuse
covers to improve maintenance personnel protection
(OSHA 1910.333, paragraph C).
Ordering
The Cooper Bussmann Power Module switch and panel are
factory configured to the specific application. Contact your
Cooper Bussmann representative to place your order. Have
all relevant electrical and circuit information on hand.


Similar Part No. - SM363FX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM363J ETC1-SM363J Datasheet
34Kb / 1P
   R. F. Molded Chokes
More results

Similar Description - SM363FX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TPM-3 COOPER-TPM-3 Datasheet
442Kb / 4P
   Telpower짰 Miniature Fused Disconnect Switch
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
BDS210 COOPER-BDS210 Datasheet
85Kb / 2P
   Disconnect Switch
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
   Compact Circuit Protector DIN-Rail fused disconnect switches
logo
Pepperl+Fuchs Inc.
VAZ-IER1-ACTUATOR1-S PF-VAZ-IER1-ACTUATOR1-S Datasheet
184Kb / 1P
   Safety Switch
VAZ-IER2-ACTUATOR2-S PF-VAZ-IER2-ACTUATOR2-S Datasheet
171Kb / 1P
   Safety Switch
logo
List of Unclassifed Man...
H365NR ETC2-H365NR Datasheet
90Kb / 1P
   Safety Switch
logo
Pepperl+Fuchs Inc.
VAA-1E-IEI3-READER1-S-V31 PF-VAA-1E-IEI3-READER1-S-V31 Datasheet
149Kb / 1P
   Safety Switch
VAA-2E-IM1-J-S-V1 PF-VAA-2E-IM1-J-S-V1 Datasheet
228Kb / 2P
   Safety Switch
2019-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com