Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWDM-1629-35 Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FWDM-1629-35
Description  DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1629-35 Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FWDM-1629-35 Datasheet HTML 2Page - Finisar Corporation. FWDM-1629-35 Datasheet HTML 3Page - Finisar Corporation. FWDM-1629-35 Datasheet HTML 4Page - Finisar Corporation. FWDM-1629-35 Datasheet HTML 5Page - Finisar Corporation. FWDM-1629-35 Datasheet HTML 6Page - Finisar Corporation. FWDM-1629-35 Datasheet HTML 7Page - Finisar Corporation. FWDM-1629-35 Datasheet HTML 8Page - Finisar Corporation. FWDM-1629-35 Datasheet HTML 9Page - Finisar Corporation. FWDM-1629-35 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FWDM-1629-XX DWDM SFP Preliminary Product Specification – February 2005
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 6
Rev C, February 2005
V.
Optical Parameters
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
TRANSMITTER CHARACTERISTICS
Center Wavelength Spacing
100
GHz
Corresponds to
approximately 0.8 nm
Spectral Width
∆λ 20
0.2
0.3
nm
Full width, -20dB from
max
Transmitter Center Wavelength –
End of Life
λ
c
X - 100
X
X + 100
pm
X = specified center
wavelength
Transmitter Center Wavelength –
Start of Life
λ
c
Y - 25
Y
Y + 25
pm
Y = X – 60pm
Side Mode Suppression Ratio
(SMSR)
SMSR
30
dB
Modulated
Optical Rise/Fall Time
tr / tf
200
ps
Unfiltered, 80% -20%
Transmitter Optical Output Power
Pout
0
+4
dBm
Average power coupled
into single mode fiber
Transmitter Extinction Ratio
OMI
9.0
dB
Transmitter Eye Opening
40
%
IEEE 802.3 and Fibre
Channel Eye Mask
Margin
Relative Intensity Noise
RIN
-120
dB/Hz
Dispersion Penalty at 180km
3.0
dB
3600ps/nm. See Note 3.
RECEIVER CHARACTERISTICS
Optical Input Wavelength
Pin
1520
1570
nm
Receiver Jitter Generation
100
ps
Peak to peak, -25 dBm
Rx power
Optical Input Power
(BER < 10
-9)
Pin
-32
-9
dBm
1.25 Gb/s w/
PRBS 2
7 -1
Optical Input Power
(BER < 10
-12)
Pin
-30
-9
dBm
1.25 Gb/s w/
PRBS 2
7 -1
Optical Input Power –
Receiver Damage Threshold
6
dBm
Receiver Reflectance
RRX
-27
dB
OSNR Limit
OSNRmin
20
dB
OSNR Penalty
2.0
dB
For OSNR = OSNRmin.
See Note 4.
Notes:
1. Parameters are specified over temperature and voltage, at end of life unless otherwise noted.
2. All parameters are measured on a Finisar SFP Evaluation Card unless otherwise noted.
3. Dispersion penalty is measured in loop back with OSNR set at Rx < 28 dB. Data rate and pattern used same
as specified for Optical Input Power. Dispersion penalty is measured at BER = 10
-10
4. OSNR penalty is measured in loop back. Data rate and pattern used is same as specified for Optical Input
Power. OSNR penalty is measured at BER = 10
-10


Similar Part No. - FWDM-1629-35

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-49 FINISAR-FWDM-1621-7D-49 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-51 FINISAR-FWDM-1621-7D-51 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-53 FINISAR-FWDM-1621-7D-53 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-55 FINISAR-FWDM-1621-7D-55 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Similar Description - FWDM-1629-35

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com