Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM2004G Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # ACM2004G
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

ACM2004G Datasheet(HTML) 3 Page - ZETTLER Electronics

  ACM2004G Datasheet HTML 1Page - ZETTLER Electronics ACM2004G Datasheet HTML 2Page - ZETTLER Electronics ACM2004G Datasheet HTML 3Page - ZETTLER Electronics ACM2004G Datasheet HTML 4Page - ZETTLER Electronics ACM2004G Datasheet HTML 5Page - ZETTLER Electronics ACM2004G Datasheet HTML 6Page - ZETTLER Electronics ACM2004G Datasheet HTML 7Page - ZETTLER Electronics ACM2004G Datasheet HTML 8Page - ZETTLER Electronics ACM2004G Datasheet HTML 9Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACM2004G SERIES CHARACTER MODULE
VER1.0
DISPLAYTRONIC A DIVISION OF ZE XIAMEN
2
4.0 OPTICAL CHARACTERISTICS (Ta=25ºC, Vdd= 5.0V±0.25V, TN LC fluid)
Item
Symbol
Condition
Min
Typ
Max
Unit
Viewing angle (horizontal)
θ
Cr
≥ 4.0
-25
-
-
deg
Viewing angle (vertical)
φ
Cr
≥ 4.0
-30
-
30
deg
Contrast Ratio
Cr
φ=0°, θ=0°
-
2
-
Response time (rise)
Tr
φ=0°, θ=0°
-
120
150
ms
Response time (fall)
Tf
φ=0°, θ=0°
-
120
150
ms
4.1 OPTICAL CHARACTERISTICS (Ta=25ºC, Vdd= 5.0V±0.25V, STN LC fluid)
Item
Symbol
Condition
Min
Typ
Max
Unit
Viewing angle (horizontal)
θ
Cr
≥ 2.0
-60
-
35
deg
Viewing angle (vertical)
φ
Cr
≥ 2.0
-40
-
40
deg
Contrast Ratio
Cr
φ=0°, θ=0°
-
6
-
Response time (rise)
Tr
φ=0°, θ=0°
-
150
250
ms
Response time (fall)
Tf
φ=0°, θ=0°
-
150
250
ms
5.0 BLOCK DIAGRAM
LCD 20X4
U2
U1
SEG1- 40
SEG41- 120
SEG 1
SEG200
COM 16
8
LED BACKLIGHT
1. Vss
2. Vdd
3. Vo
4. RS
5. R/W
6. E
7. DB0
14. DB7
+ BL+
- BL-
U3
SEG121-200
40
80
80
16
COM 1
COM16


Similar Part No. - ACM2004G

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM2004G AZDISPLAYS-ACM2004G Datasheet
332Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ACM2004G

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com