Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS646 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS646
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS646 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AS646 Datasheet HTML 4Page - Texas Instruments SN74AS646 Datasheet HTML 5Page - Texas Instruments SN74AS646 Datasheet HTML 6Page - Texas Instruments SN74AS646 Datasheet HTML 7Page - Texas Instruments SN74AS646 Datasheet HTML 8Page - Texas Instruments SN74AS646 Datasheet HTML 9Page - Texas Instruments SN74AS646 Datasheet HTML 10Page - Texas Instruments SN74AS646 Datasheet HTML 11Page - Texas Instruments SN74AS646 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SN54ALS646, SN54ALS648, SN54AS646
SN74ALS646A, SN74ALS648A, SN74AS646, SN74AS648
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SDAS039F – DECEMBER 1983 – REVISED JANUARY 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
SN54ALS646
SN74ALS646A
MIN
MAX
MIN
MAX
fmax
35
40
MHz
tPLH
CLKBA or CLKAB
AorB
10
35
7
30
ns
tPHL
CLKBA or CLKAB
A or B
5
20
5
17
ns
tPLH
AorB
BorA
5
22
3
20
ns
tPHL
A or B
B or A
3
15
3
12
ns
tPLH
SBA or SAB‡
AorB
10
40
7
35
ns
tPHL
(stored data low)
A or B
5
23
5
20
ns
tPLH
SBA or SAB‡
AorB
8
30
6
25
ns
tPHL
(stored data high)
A or B
5
24
5
20
ns
tPZH
OE
AorB
3
20
2
17
ns
tPZL
OE
A or B
5
22
4
20
ns
tPHZ
OE
AorB
1
12
1
10
ns
tPLZ
OE
A or B
1
20
2
16
ns
tPZH
DIR
AorB
5
38
3
30
ns
tPZL
DIR
A or B
5
30
4
25
ns
tPHZ
DIR
AorB
1
12
1
10
ns
tPLZ
DIR
A or B
2
21
2
16
ns
† For conditions shown MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ These parameters are measured with the internal output state of the storage register opposite that of the bus input.


Similar Part No. - SN74AS646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS646 TI1-SN74AS646 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74AS646DW TI1-SN74AS646DW Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AS646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com