Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWDM-1629-46 Datasheet(PDF) 10 Page - Finisar Corporation.

Part # FWDM-1629-46
Description  DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1629-46 Datasheet(HTML) 10 Page - Finisar Corporation.

Back Button FWDM-1629-46 Datasheet HTML 2Page - Finisar Corporation. FWDM-1629-46 Datasheet HTML 3Page - Finisar Corporation. FWDM-1629-46 Datasheet HTML 4Page - Finisar Corporation. FWDM-1629-46 Datasheet HTML 5Page - Finisar Corporation. FWDM-1629-46 Datasheet HTML 6Page - Finisar Corporation. FWDM-1629-46 Datasheet HTML 7Page - Finisar Corporation. FWDM-1629-46 Datasheet HTML 8Page - Finisar Corporation. FWDM-1629-46 Datasheet HTML 9Page - Finisar Corporation. FWDM-1629-46 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FWDM-1629-XX DWDM SFP Preliminary Product Specification – February 2005
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 10
Rev C, February 2005
XI. Ordering Information
Part Number
Description
FWDM-1629-XX
DWDM SFP with APD Receiver
XX = channel number (see product selection on page 2)
XII. References
1. Small Form Factor Pluggable (SFP) Transceiver Multi-Source Agreement (MSA),
September 2000. Documentation is currently available from Finisar upon request.
2.
“Application Note AN-2030: Digital Diagnostic Monitoring Interface for Optical
Transceivers”, Finisar Corporation, April 2002.
3. “AT24C01A/02/04/08/16 2-Wire Serial CMOS E
2PROM”, Atmel Corporation.
www.Atmel.com
4. “Digital Diagnostic Monitoring Interface For Optical Transceivers Rev 6.1”,
September, 2004. Documentation is currently available from Finisar upon request.
For More Information:
Finisar Corporation
1308 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. (408) 548-1000
Fax (408) 541-6138
sales@finisar.com
www.finisar.com


Similar Part No. - FWDM-1629-46

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-49 FINISAR-FWDM-1621-7D-49 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-51 FINISAR-FWDM-1621-7D-51 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-53 FINISAR-FWDM-1621-7D-53 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-55 FINISAR-FWDM-1621-7D-55 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Similar Description - FWDM-1629-46

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com