Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWA-600A Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # FWA-600A
Description  High Speed Fuses
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWA-600A Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  FWA-600A Datasheet HTML 1Page - Cooper Bussmann, Inc. FWA-600A Datasheet HTML 2Page - Cooper Bussmann, Inc. FWA-600A Datasheet HTML 3Page - Cooper Bussmann, Inc. FWA-600A Datasheet HTML 4Page - Cooper Bussmann, Inc. FWA-600A Datasheet HTML 5Page - Cooper Bussmann, Inc. FWA-600A Datasheet HTML 6Page - Cooper Bussmann, Inc. FWA-600A Datasheet HTML 7Page - Cooper Bussmann, Inc. FWA-600A Datasheet HTML 8Page - Cooper Bussmann, Inc. FWA-600A Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Introduction
North American Contents
Catalog
Amp
Number
Volts
Range
Page
FWA
130
1000-4000
91-92
FWA
150
70-1000
93-94
FWX
250
35-2500
95-96
FWH
500
35-1600
97-98
KAC
600
1-1000
99
KBC
600
35-800
100
FWP
700
5-1200
101-103
FWJ
1000
35-2000
104-105
Accessories
Fuse Bases
106
North American Fuse Ranges
Amps
Volts
AC
DC
1000-4000
130
X
X
70-1000
150
X
X
35-2500
250
X
X
35-1600
500
X
X
1-1000
600
X
5-1200
700
X
X
40-600
800
X
35-2000
1000
X
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
90
High Speed Fuses
North American fuses
General Information
Cooper Bussmann offers a complete range of North
American blade and flush-end style fuses and accessories.
Their design and construction were optimized to provide:
• Low energy let-through (I2t)
• Low watts loss
• Superior cycling capability
• Low arc voltage
• Excellent dc performance
North American style fuses provide an excellent solution for
medium power applications. While there are currently no
published standards for these fuses, the industry has
standardized on mounting centers that accept
Cooper Bussmann fuses.
Voltage Rating
All Cooper Bussmann® North American style fuses are tested
at their rated voltage. Cooper Bussmann should be consulted
for applications exceeding those values.
Accessories
External and internal open fuse indication is available for
selected portions of the North American line. Fuse blocks are
available for most applications.


Similar Part No. - FWA-600A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FWA-6070 ADVANTECH-FWA-6070 Datasheet
1Mb / 2P
   2U Rackmount Network Appliance with single Intel® Xeon® Processor Scalable Family
21-Nov-2018
FWA-6070N-00A1R ADVANTECH-FWA-6070N-00A1R Datasheet
1Mb / 2P
   2U Rackmount Network Appliance with single Intel® Xeon® Processor Scalable Family
21-Nov-2018
FWA-6070S-00A1R ADVANTECH-FWA-6070S-00A1R Datasheet
1Mb / 2P
   2U Rackmount Network Appliance with single Intel® Xeon® Processor Scalable Family
21-Nov-2018
FWA-6070SQ-00A1R ADVANTECH-FWA-6070SQ-00A1R Datasheet
1Mb / 2P
   2U Rackmount Network Appliance with single Intel® Xeon® Processor Scalable Family
21-Nov-2018
FWA-6072 ADVANTECH-FWA-6072 Datasheet
1Mb / 2P
   2U Rackmount Network Appliance with 4th Generation Intel® Xeon® Scalable Processor for NFV
16-Feb-2023
More results

Similar Description - FWA-600A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
   L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
   PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com