Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWLF1621P2T59 Datasheet(PDF) 9 Page - Finisar Corporation.

Part # FWLF1621P2T59
Description  Multi-rate CWDM Pluggable SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1621P2T59 Datasheet(HTML) 9 Page - Finisar Corporation.

Back Button FWLF1621P2T59 Datasheet HTML 4Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 5Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 6Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 7Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 8Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 9Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 10Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 11Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 12Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FWLF1621P2Txx SFP Product Specification – November 2007
F i n i s a r
© Finisar Corporation November 2007 Rev.A Preliminary and Confidential
Page 9
XI. PCB Layout and Bezel Recommendations


Similar Part No. - FWLF1621P2T59

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
FWLF1621P2T59-C ATGBICS-FWLF1621P2T59-C Datasheet
323Kb / 10P
   FWLF1621P2T59 Finisar Compatible Transceiver CWDM SFP 2.67G (80km, SMF, LC, 1591nm, Red Clasp, Ind Temp)
More results

Similar Description - FWLF1621P2T59

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com