Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX3812S331 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTLX3812S331
Description  RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3812S331 Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLX3812S331 Datasheet HTML 1Page - Finisar Corporation. FTLX3812S331 Datasheet HTML 2Page - Finisar Corporation. FTLX3812S331 Datasheet HTML 3Page - Finisar Corporation. FTLX3812S331 Datasheet HTML 4Page - Finisar Corporation. FTLX3812S331 Datasheet HTML 5Page - Finisar Corporation. FTLX3812S331 Datasheet HTML 6Page - Finisar Corporation. FTLX3812S331 Datasheet HTML 7Page - Finisar Corporation. FTLX3812S331 Datasheet HTML 8Page - Finisar Corporation. FTLX3812S331 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FTLX3812S3xx Amplified DWDM XFP Product Specification – September 2007
F i n i s a r
© Finisar Corporation 28-September-2007
Rev B1
Page 2
Channel #
Product Code
Frequency (THz)
Center Wavelength (nm)
17*
FTLX3812S317
191.7
1563.86
18*
FTLX3812S318
191.8
1563.05
19*
FTLX3812S319
191.9
1562.23
20*
FTLX3812S320
192.0
1561.42
21
FTLX3812S321
192.1
1560.61
22
FTLX3812S322
192.2
1559.79
23
FTLX3812S323
192.3
1558.98
24
FTLX3812S324
192.4
1558.17
25
FTLX3812S325
192.5
1557.36
26
FTLX3812S326
192.6
1556.55
27
FTLX3812S327
192.7
1555.75
28
FTLX3812S328
192.8
1554.94
29
FTLX3812S329
192.9
1554.13
30
FTLX3812S330
193.0
1553.33
31
FTLX3812S331
193.1
1552.52
32
FTLX3812S332
193.2
1551.72
33
FTLX3812S333
193.3
1550.92
34
FTLX3812S334
193.4
1550.12
35
FTLX3812S335
193.5
1549.32
36
FTLX3812S336
193.6
1548.51
37
FTLX3812S337
193.7
1547.72
38
FTLX3812S338
193.8
1546.92
39
FTLX3812S339
193.9
1546.12
40
FTLX3812S340
194.0
1545.32
41
FTLX3812S341
194.1
1544.53
42
FTLX3812S342
194.2
1543.73
43
FTLX3812S343
194.3
1542.94
44
FTLX3812S344
194.4
1542.14
45
FTLX3812S345
194.5
1541.35
46
FTLX3812S346
194.6
1540.56
47
FTLX3812S347
194.7
1539.77
48
FTLX3812S348
194.8
1538.98
49
FTLX3812S349
194.9
1538.19
50
FTLX3812S350
195.0
1537.40
51
FTLX3812S351
195.1
1536.61
52
FTLX3812S352
195.2
1535.82
53
FTLX3812S353
195.3
1535.04
54
FTLX3812S354
195.4
1534.25
55
FTLX3812S355
195.5
1533.47
56
FTLX3812S356
195.6
1532.68
57
FTLX3812S357
195.7
1531.90
58
FTLX3812S358
195.8
1531.12
59
FTLX3812S359
195.9
1530.33
60*
FTLX3812S360
196.0
1529.55
61*
FTLX3812S361
196.1
1528.77
*This channel is supported with limited availability -- Please contact Finisar for further details.


Similar Part No. - FTLX3812S331

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M318 FINISAR-FTLX3812M318 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M318 FINISAR-FTLX3812M318 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results

Similar Description - FTLX3812S331

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRX-3812S317 FINISAR-FTRX-3812S317 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com