Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-1621-61 Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTR-1621-61
Description  WDM Multi-rate GBIC Transceiver with APD Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1621-61 Datasheet(HTML) 3 Page - Finisar Corporation.

  FTR-1621-61 Datasheet HTML 1Page - Finisar Corporation. FTR-1621-61 Datasheet HTML 2Page - Finisar Corporation. FTR-1621-61 Datasheet HTML 3Page - Finisar Corporation. FTR-1621-61 Datasheet HTML 4Page - Finisar Corporation. FTR-1621-61 Datasheet HTML 5Page - Finisar Corporation. FTR-1621-61 Datasheet HTML 6Page - Finisar Corporation. FTR-1621-61 Datasheet HTML 7Page - Finisar Corporation. FTR-1621-61 Datasheet HTML 8Page - Finisar Corporation. FTR-1621-61 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FTR-1621-XX WDM GBIC
Product Specification - March 2002
F i n i s a r
© Finisar Corporation 01-Mar-02 Rev.F
Page 3
II.
Electrical Power Interface
Finisar FTR-1621-XX WDM GBIC modules have a power supply voltage range of
4.75V to 5.25V as described in Table 2.
III. Low Speed Signals
RX_LOS, TX_DISABLE, and TX_FAULT are TTL signals as described in Table 3.
MOD_DEF(1) (SCL) and MOD_DEF(2) (SDA) are open drain CMOS signals (see
section VI, “Serial Communication Protocol”). Both MOD_DEF(1) and MOD_DEF(2)
must be pulled up to host_Vcc. Note – MOD_DEF(0) is grounded inside the GBIC to
indicate the correct mode of operation.
For more detailed information, see sections 5.3.1 – 5.3.8 in the GBIC Specification Rev.
5.41.
Electrical Power Interface
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
Supply Current
Is
280
350
mA
Maximum Voltage
Vmax
6
V
Surge Current
Isurge
400
mA
Input Voltage
Vcc
4.75
5.00
5.25
V
Referenced to GND
Power Supply Rejection
PSR
100
mV
See Note 1. Peak to Peak
Table 2. Electrical power interface
Note 1: Receiver sensitivity is compliant with power supply sinusoidal of 20 Hz to 1.5Mhz up to
specified value applied through the recommended power supply filtering network
Low Speed Signals, Electronic
Characteristics
Parameter
Symbol
Min
Max
Units Notes/Conditions
GBIC Output LOW
VOL
0
0.5
V
4.7k to 10k pull-up to host_Vcc,
measured at host side of connector
GBIC Output HIGH
VOH
host_Vcc -
0.5
host_Vcc +
0.3
V
4.7k to 10k pull-up to host_Vcc,
measured at host side of connector
GBIC Input LOW
VIL
0
0.8
V
4.7k to 10k pull-up to Vcc,
measured at GBIC side of
connector
GBIC Input HIGH
VIH
2
Vcc + 0.3
V
4.7k to 10k pull-up to Vcc,
measured at GBIC side of
connector
Table 3. Low speed signals – electronic characteristics


Similar Part No. - FTR-1621-61

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621T-47 FINISAR-FTR-1621T-47 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FTR-1621T-49 FINISAR-FTR-1621T-49 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FTR-1621T-51 FINISAR-FTR-1621T-51 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FTR-1621T-53 FINISAR-FTR-1621T-53 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FTR-1621T-55 FINISAR-FTR-1621T-55 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
More results

Similar Description - FTR-1621-61

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTL-161947 FINISAR-FTL-161947 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FWLF16197D FINISAR-FWLF16197D Datasheet
552Kb / 10P
   WDM SFP Transceiver with APD Receiver
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FWDM-1619-7D-47 FINISAR-FWDM-1619-7D-47 Datasheet
417Kb / 10P
   WDM SFP Transceiver with APD Receiver
logo
Mitsubishi Electric Sem...
MF-27WTA-M0XMAXXX MITSUBISHI-MF-27WTA-M0XMAXXX Datasheet
88Kb / 9P
   2.7Gb/s Multi-rate WDM Transmitter
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
logo
OPLINK Communications I...
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com