Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9778A Datasheet(PDF) 6 Page - Analog Devices

Part # AD9778A
Description  Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9778A Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9778A Datasheet HTML 2Page - Analog Devices AD9778A Datasheet HTML 3Page - Analog Devices AD9778A Datasheet HTML 4Page - Analog Devices AD9778A Datasheet HTML 5Page - Analog Devices AD9778A Datasheet HTML 6Page - Analog Devices AD9778A Datasheet HTML 7Page - Analog Devices AD9778A Datasheet HTML 8Page - Analog Devices AD9778A Datasheet HTML 9Page - Analog Devices AD9778A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 6 of 56
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFs = 20 mA, maximum sample rate, unless
otherwise noted. LVDS driver and receiver are compliant to the IEEE-1596 reduced range link, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL
Input VIN Logic High
2.0
V
Input VIN Logic Low
0.8
V
Maximum Input Data Rate at Interpolation
300
MSPS
250
MSPS
200
MSPS
DVDD18, CVDD18 = 1.8 V ± 5%
112.5
MSPS
DVDD18, CVDD18 = 1.9 V ± 5%
125
MSPS
DVDD18, CVDD18 = 2.0 V ± 2%
137.5
MSPS
CMOS OUTPUT LOGIC LEVEL (DATACLK, PIN 37)1
Output VOUT Logic High
2.4
V
Output VOUT Logic Low
0.4
V
DATACLK Output Duty Cycle
At 250 MHz, into 5 pF load
40
50
60
%
LVDS RECEIVER INPUTS (SYNC_I+, SYNC_I−)
SYNC_I+ = VIA, SYNC_I− = VIB
Input Voltage Range, VIA or VIB
825
1575
mV
Input Differential Threshold, VIDTH
−100
+100
mV
Input Differential Hysteresis, VIDTHH − VIDTHL
20
mV
Receiver Differential Input Impedance, RIN
80
120
Ω
LVDS Input Rate
Additional limits on fSYNC_I apply; see description of
Register 0x05, Bits[3:1], in Table 14
250
MSPS
Setup Time, SYNC_I to REFCLK
0.4
ns
Hold Time, SYNC_I to REFCLK
0.55
ns
LVDS DRIVER OUTPUTS (SYNC_O+, SYNC_O−)
SYNC_O+ = VOA, SYNC_O− = VOB, 100 Ω termination
Output Voltage High, VOA or VOB
1375
mV
Output Voltage Low, VOA or VOB
1025
mV
Output Differential Voltage, |VOD|
150
200
250
mV
Output Offset Voltage, VOS
1150
1250
mV
Output Impedance, RO
Single-ended
80
100
120
Ω
DAC CLOCK INPUT (REFCLK+, REFCLK−)
Differential Peak-to-Peak Voltage
400
800
2000
mV
Common-Mode Voltage
300
400
500
mV
Maximum Clock Rate
DVDD18, CVDD18 = 1.8 V ± 5%, PLL off
900
MHz
DVDD18, CVDD18 = 1.9 V ± 5%, PLL off
1000
MHz
DVDD18, CVDD18 = 2.0 V ± 2%, PLL off
1100
MHz
DVDD18, CVDD18 = 2.0 V ± 2%, PLL on
250
MHz
1 Specification is at a DATACLK frequency of 100 MHz into a 1 kΩ load, with maximum drive capability of 8 mA. At higher speeds or greater loads, best practice suggests
using an external buffer for this signal.


Similar Part No. - AD9778A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9778A AD-AD9778A Datasheet
1Mb / 55P
   Digital-to-Analog Converters
AD9778A-EBZ AD-AD9778A-EBZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9778ABSVZ AD-AD9778ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9778ABSVZ AD-AD9778ABSVZ Datasheet
1Mb / 55P
   Digital-to-Analog Converters
AD9778ABSVZRL AD-AD9778ABSVZRL Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
More results

Similar Description - AD9778A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776 AD-AD9776 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9776A AD-AD9776A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com