Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWH-700A Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # FWH-700A
Description  High Speed Fuses
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWH-700A Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

Back Button FWH-700A Datasheet HTML 3Page - Cooper Bussmann, Inc. FWH-700A Datasheet HTML 4Page - Cooper Bussmann, Inc. FWH-700A Datasheet HTML 5Page - Cooper Bussmann, Inc. FWH-700A Datasheet HTML 6Page - Cooper Bussmann, Inc. FWH-700A Datasheet HTML 7Page - Cooper Bussmann, Inc. FWH-700A Datasheet HTML 8Page - Cooper Bussmann, Inc. FWH-700A Datasheet HTML 9Page - Cooper Bussmann, Inc. FWH-700A Datasheet HTML 10Page - Cooper Bussmann, Inc. FWH-700A Datasheet HTML 11Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
High Speed Fuses
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
93
2.656
1.936
2.188
1.156
0.312
0.438
0.750
1.000
0.125
Dimensions (in)
Fig. 1: 70-400A
1.500
0.250
3.500
2.438
1.250
1.000
0.406
Fig. 2: 500-1000A
1mm = 0.0394 “ / 1” = 25.4mm
North American — FWA 150V: 70-1000A
FWA
Specifications
Description:
North American style
stud-mount fuses.
Dimensions:
See Dimensions
illustrations.
Ratings:
Volts: — 150Vac
Amps: — 70-1000A
IR: — 100kA Sym. (70-400A)
— 200kA Sym. (450-1000A)
— 20kA @150Vdc (70-800A)
— 100kA @ 80Vdc (70-400A)
Agency Information:
CE, UL Recognized
Electrical Characteristics
Total Clearing I2t
The total clearing I2t at rated
voltage and at power factor of
15% are given in the electri-
cal characteristics. For other
voltages, the clearing I2t is
found by multiplying by cor-
rection factor, K, given as a
function of applied working
voltage, Eg, (rms).
Arc Voltage
This curve gives the peak
arc voltage, UL, which may
appear across the fuse dur-
ing its operation as a func-
tion of the applied working
voltage, Eg, (rms) at a
power factor of 15%.
Power Losses
Watts loss at rated current
is given in the electrical
characteristics. The curve
allows the calculation of
the power losses at load
currents lower than the
rated current. The correc-
tion factor, Kp, is given as
a function of the RMS load
current, Ib, in % of the
rated current.
Catalog Numbers
Electrical Characteristics
Rated
I
2t (A2 Sec)
Catalog
Current
Clearing
Watts
Number
RMS-Amps
Pre-arc
at 150V
Loss
FWA-70B
70
470
4000
6.9
FWA-80B
80
670
6000
7.7
FWA-100B
100
1200
12000
9.0
FWA-125B
125
1870
18000
11.2
FWA-150B
150
2700
26000
13.5
FWA-200B
200
4780
45000
17.6
FWA-250B
250
7470
70000
22.5
FWA-300B
300
10760
100000
27.0
FWA-350B
350
15700
140000
30.6
FWA-400B
400
20300
180000
35.2
FWA-500A
500
39000
120000
35.0
FWA-600A
600
46000
140000
47.0
FWA-700A
700
75000
220000
49.0
FWA-800A
800
92000
280000
58.0
FWA-1000A
1000
170000
510000
60.0
• Watts loss provided at rated current.
• See accessories on page 106.
Features and Benefits
• Excellent dc performance
• Low arc voltage and low energy let-through (I2t)
• Low watts loss
• Superior cycling capability
Typical Applications
• DC common bus
• DC drives
• Power converters/rectifiers
• Reduced voltage starters
150
102
70
22
1.5
1.0
0.5
0.3
0.2
0.15
Eg
K
1)
2)
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
U
L
E
g
200
100
100
150
50
300
1) 500-1000A Range
2) 70-400A Range


Similar Part No. - FWH-700A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWH-700A COOPER-FWH-700A Datasheet
50Kb / 2P
   Electrical Characteristics
FWH-700A COOPER-FWH-700A Datasheet
50Kb / 2P
   FWH 500V 35-1600A
FWH-700A COOPER-FWH-700A Datasheet
50Kb / 2P
   Electrical Characteristics
FWH-700A COOPER-FWH-700A Datasheet
50Kb / 2P
   FWH 500V 35-1600A
More results

Similar Description - FWH-700A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
   L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
   PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com