Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6130A2 Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TPA6130A2
Description  138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA6130A2 Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPA6130A2 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA6130A2 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA6130A2 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA6130A2 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA6130A2 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA6130A2 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA6130A2 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA6130A2 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA6130A2 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
250
50
100
150
200
0
10
100
1k
Load- W
f
=1kHz,
Gain=0.1dB,
THD+N=1%,
Stereo
IN
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
500
100
200
300
400
0
10
100
1k
Load- W
f
=1kHz,
Gain=6.1dB,
THD+N=1%,
BTL
IN
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
0
-70
-60
-50
-40
-30
-20
-10
-80
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
Gain=6.1dB,
C =2.2 F,
BTL
L
W
m
I
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
1
3
5
7
9
11
13
10
100
1000
Load- W
V
=3.6V
DD
THD+N=1%
Gain=6.1dB,
f
=1kHz,
BTL
IN
V
=2.5V
DD
V
=5V
DD
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
10
100
1000
Load- W
V
=3.6V
DD
V
=5V
DD
THD+N=1%
Gain=0.1dB,
f
=1kHz,
Stereo
IN
V
=2.5V
DD
1
0.2
0.4
0.6
0.8
0
0
50
100
150
200
250
300
350
400
P
-OutputPower-mW
O
R =16
,
Gain=0.1dB,
Stereo
L
W
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
100
60
40
50
70
80
90
30
-60
-50
-40
-30
-20
-10
0
10
Gain-dB
V
=3.6V
DD
TPA6130A2
SLOS488B – NOVEMBER 2006 – REVISED FEBRUARY 2008
COMMON MODE REJECTION RATIO
OUTPUT POWER
OUTPUT POWER
vs
vs
vs
FREQUENCY
LOAD
LOAD
Figure 27.
Figure 28.
Figure 29.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
POWER DISSIPATION
vs
vs
vs
LOAD
LOAD
OUTPUT POWER
Figure 30.
Figure 31.
Figure 32.
DIFFERENTIAL INPUT IMPEDANCE
vs
GAIN
Figure 33.
10
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA6130A2


Similar Part No. - TPA6130A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2RTJ TI-TPA6130A2RTJ Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results

Similar Description - TPA6130A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com