Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

226NCN016M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 226NCN016M
Description  105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226NCN016M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  226NCN016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 226NCN016M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
2
®
NCN
+105°C Non-polarized
Surface Mount
Chip Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Capacitance
(µF)
Maximum
E.S.R.
120Hz,
+20°C
Maximum
RMS Ripple
Current (mA)
at 120 Hz,
+105°C
Dimensions
DxL
(mm)
WVDC
PART
NUMBER
0.1
50
104NCN050M
2984.155
1.3
4x5.3
0.22
50
224NCN050M
1356.434
2.3
4x5.3
0.33
50
334NCN050M
904.289
2.8
4x5.3
0.47
50
474NCN050M
634.927
4
4x5.3
1
50
105NCN050M
298.416
8.4
4x5.3
2.2
35
225NCN035M
113.036
8.4
4x5.3
2.2
50
225NCN050M
135.643
13
5x5.3
3.3
50
335NCN050M
90.429
17
5x5.3
4.7
16
475NCN016M
59.965
12
4x5.3
Capacitance
(µF)
Maximum
E.S.R.
120Hz,
+20°C
Maximum
RMS Ripple
Current (mA)
at 120 Hz,
+105°C
Dimensions
DxL
(mm)
WVDC
PART
NUMBER
4.7
35
475NCN035N
52.911
18
5x5.3
4.7
50
475NCN050M
63.493
20
6.3x5.3
10
16
106NCN016M
28.184
23
5x5.3
10
35
106NCN035M
24.87
29
6.3x5.3
22
6.3
226NCN6R3M
18.086
28
5x5.3
22
16
226NCN016M
12.81
37
6.3x5.3
33
16
336NCN016M
8.541
49
6.3x5.3
47
6.3
476NCN6R3M
8.466
45
6.3x5.3
PHYSICAL DIMENSIONS
D x L(mm)
WVDC
(SV)
(µF)
6.3
16
25
35
50
(7.9)
(20)
(32)
(44)
(63)
0.1
4x5.3
0.22
4x5.3
0.33
4x5.3
0.47
4x5.3
1
-
4x5.3
2.2
4x5.3
5x5.3
3.3
5x5.3
4.7
4x5.3
5x5.3
6.3x5.3
10
5x5.3
6.3x5.3
22
5x5.3
6.3x5.3
33
6.3x5.3
47
6.3x5.3
0.3 MAX
W
L
R
(+)
4
5
6.3
5.3
5.3
5.3
4.3
5.3
6.6
4.3
5.3
6.6
4.8
6
7.1
1.0
1.4
2.2
0.5~0.8
0.5~0.8
0.5~0.8
D+0.5 MAX
L±0.2
W±0.2
H±0.2
C±0.2
R
P±0.2
(mm)


Similar Part No. - 226NCN016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226NCN016M ILLINOISCAPACITOR-226NCN016M Datasheet
176Kb / 2P
   Aluminum Electrolytic Capacitors
More results

Similar Description - 226NCN016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106ACZ035M ILLINOISCAPACITOR-106ACZ035M Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
105AXZ050M ILLINOISCAPACITOR-105AXZ050M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com