Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104MSR100K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 104MSR100K
Description  Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104MSR100K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  104MSR100K Datasheet HTML 1Page - Illinois Capacitor, Inc. 104MSR100K Datasheet HTML 2Page - Illinois Capacitor, Inc. 104MSR100K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
160
®
MSR
Epoxy Dipped Radial
Lead Metallized
Polyester Capacitors
PHYSICAL DIMENSIONS
630
(220)
400
(200)
250
(160)
100
(63)
0.01
0.015
0.022
0.033
0.047
0.068
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10.0
1000
(250)
µF
WVDC
(VAC)
G max
T
max
d
L max
S±1.5
H max
15.0
min.
Convert to inches, divide by 25.4
LxHxT (mm)
10x9x5
12.5x10x5
14x11.5x8
10x9x5
10x9.5x5.5
12.5x10.5x6
14x11.5x8
10x9x5
12.5x9x5
12.5x12x7
19x12.5x8.5
10x9.5x5.5
12.5x10.5x5.5
17.5x11.5x6.5
19.5x14x9.5
10x8.5x5
12.5x9x5
12.5x11x6.5
17.5x12.5x7.5
27x14x9
10x8x4.5
12.5x10x5
17.5x10x5.5
17.5x14x8
27x15x10
12.5x8.5x5.5
12.5x11x6
17.5x11.5x6.5
17.5x15.5x10
27x16.5x11.5
12.5x9x5
13x13x7
17.5x12.5x7.5
22.5x16.5x9
12.5x10x5.5
17.5x11x6.5
22.5x14.5x7.5
22.5x19x11
32.5x22.5x14.5
17.5x10x5.5
17.5x12.5x7
22.5x16x9
30x18.5x11
32.5x25.5x16
17.5x11x6.5
22.5x12.5x7.5
22.5x19.5x10
30x22x12.5
32.5x26.5x18.5
17.5x12.5x7.5
22.5x14.5x8.5
30x18x10
33x24.5x14
18x14x8
22.5x17x9.5
30x20.5x12
22.5x14.5x8.5
30x18x9.5
22.5x16.5x10.5
30x21.5x11.5
22.5x21x11.5
30x20.5x11
30x22.5x12.5
32x28x17
≤10
7.5
0.6
1.0
10 < L
≤ 14
10
0.6
1.0
14 < L
≤ 17.5
15
0.6
1.0
17.5 < L
≤19
15
0.8
1.0
19 < L
≤ 22.5
20
0.8
2.0
22.5 < L < 30
22.5
0.8
2.0
L
≥ 30
27.5
0.8
2.0
L
S
d
G


Similar Part No. - 104MSR100K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104MSR100K ILLINOISCAPACITOR-104MSR100K Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
104MSR100K ILLINOISCAPACITOR-104MSR100K Datasheet
213Kb / 2P
   Small size ??Self Healing ??Low Cost
More results

Similar Description - 104MSR100K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103MMR250K ILLINOISCAPACITOR-103MMR250K Datasheet
378Kb / 2P
   Small Size Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
102FFR100K ILLINOISCAPACITOR-102FFR100K Datasheet
882Kb / 3P
   125째 Non-inductive Polyester Film/Foil Epoxy Dipped Radial Lead Capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K Datasheet
378Kb / 2P
   105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
102UMR100K ILLINOISCAPACITOR-102UMR100K Datasheet
441Kb / 4P
   Epoxy-Dipped Radial Lead Inductive Film/Foil Capacitors
logo
Vishay Siliconix
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
MKT369 VISHAY-MKT369 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com