Selected language     English  ▼


SN74ALS996NT Datasheet(PDF) 5 Page - Texas Instruments

Part No. SN74ALS996NT
Description  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 5 page
background image
SN54ALS996, SN74ALS996
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SDAS098B – OCTOBER 1984 – REVISED JANUARY 1995
2–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS996
SN74ALS996
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
All outputs
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
Q
VCC =4 5V
IOH = – 1 mA
2.4
3.2
V
Q
VCC = 4.5 V
IOH = – 2.6 mA
2.4
3.2
D
VCC =4 5V
IOL = 4 mA
0.25
0.4
D
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
VOL
IOL = 12 mA
0.25
0.4
0.25
0.4
V
Q
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
IOL = 48 mA‡
0.35
0.5
IOZH
Q
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IOZL
Q
VCC = 5.5 V,
VO = 0.4 V
–20
–20
µA
II
D inputs
VCC =5 5V
VI = 5.5 V
0.1
0.1
mA
II
All others
VCC = 5.5 V
VI = 7 V
0.1
0.1
mA
IIH
D inputs§
VCC =5 5V
VI =2 7V
20
20
µA
IIH
All others
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
I
D inputs§
VCC =5 5V
VI =0 4V
– 0.1
– 0.1
mA
IIL
All others
VCC = 5.5 V,
VI = 0.4 V
– 0.1
– 0.1
mA
IO¶
VCC = 5.5 V,
VO = 2.25 V
CLR = 2.5 V
–20
–112
–30
–112
mA
V5 5 V
Outputs high
35
55
35
55
ICC
VCC = 5.5 V,
EN,RD low
Outputs low
55
85
55
85
mA
EN, RD low
Outputs disabled
42
65
42
65
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Applies only to the -1 version and only if VCC is maintained between 4.75 V and 5.25 V
§ For I/O ports (QA thru QH), the parameters IIH and IIL include the off-state output current.
¶ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74ALS6668-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
DM74LS3733-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops 1 2 3 4 5 MoreFairchild Semiconductor
SN74S374OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS 1 2 3 4 5 MoreTexas Instruments
DM54LS373TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops 1 2 3 4 5 MoreNational Semiconductor (TI)
SN74ALS9908-BIT D-TYPE TRANSPARENT READ-BACK LATCH 1 2 3 4 5 MoreTexas Instruments
DM74ALS996Octal D-Type Edge-Triggered Readback Latches 1 2 3 4 5 National Semiconductor (TI)
SN54LS373OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS 1 2 3 4 5 MoreTexas Instruments
SN74LV373AOCTAL TRANSPARENT D-TYPE LATCHES WITH 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
8407201RAMICROCIRCUIT DIGITAL HIGH-SPEED CMOS OCTAL TRANSPARENT D-TYPE LATCHES WITH THREE STATE OUTPUTS MONOLITIC SILICON 1 2 3 4 5 MoreList of Unclassifed Manufacturers
74ACT8258-Bit D-Type Flip-Flop 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl