Selected language     English  ▼


SN74ALS996NT Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN74ALS996NT
Description  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 1 page
background image
SN54ALS996 . . . JT PACKAGE
SN74ALS996 . . . DW OR NT PACKAGE
(TOP VIEW)
SN54ALS996 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1D
2D
3D
4D
5D
6D
7D
8D
EN
RD
CLK
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
OE
T/C
CLR
NC – No internal connection
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
3Q
4Q
5Q
NC
6Q
7Q
8Q
4D
5D
6D
NC
7D
8D
EN
426
14 15 16 17 18
SN54ALS996, SN74ALS996
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SDAS098B – OCTOBER 1984 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3-State I/O-Type Read-Back Inputs
Bus-Structured Pinout
T/C Determines True or Complementary
Data at Q Outputs
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
(NT) and Ceramic (JT) 300-mil DIPs
description
These 8-bit latches are designed specifically for
storing the contents of the input data bus and
providing the capability of reading back the stored
data onto the input data bus. The Q outputs are
designed with bus-driving capability.
The edge-triggered flip-flops enter the data on the
low-to-high transition of the clock (CLK) input
when the enable (EN) input is low. Data can be
read back onto the data inputs by taking the read
(RD) input low, in addition to having EN low. When
EN is high, both the read-back and write modes
are disabled. Transitions on EN should only be
made with CLK high to prevent false clocking.
The polarity of the Q outputs can be controlled by
the polarity (T/C) input. When T/C is high, Q is the
same as is stored in the flip-flops. When T/C is low,
the output data is inverted. The Q outputs can be
placed in the high-impedance state by taking the
output-enable (OE) input high. OE does not affect
the internal operation of the register. Old data can
be retained or new data can be entered while the
outputs are off.
A low level at the clear (CLR) input resets the
internal registers low. The clear function is
asynchronous and overrides all other register
functions.
The -1 version of the SN74ALS996 is identical to the standard version, except that the recommended maximum
IOL for the -1 version is increased to 48 mA. There is no -1 version of the SN54ALS996.
The SN54ALS996 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN74ALS996 is characterized for operation from 0
°C to 70°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74ALS6668-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
DM74LS3733-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops 1 2 3 4 5 MoreFairchild Semiconductor
SN74S374OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS 1 2 3 4 5 MoreTexas Instruments
DM54LS373TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops 1 2 3 4 5 MoreNational Semiconductor (TI)
SN74ALS9908-BIT D-TYPE TRANSPARENT READ-BACK LATCH 1 2 3 4 5 MoreTexas Instruments
DM74ALS996Octal D-Type Edge-Triggered Readback Latches 1 2 3 4 5 National Semiconductor (TI)
SN54LS373OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS 1 2 3 4 5 MoreTexas Instruments
SN74LV373AOCTAL TRANSPARENT D-TYPE LATCHES WITH 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
8407201RAMICROCIRCUIT DIGITAL HIGH-SPEED CMOS OCTAL TRANSPARENT D-TYPE LATCHES WITH THREE STATE OUTPUTS MONOLITIC SILICON 1 2 3 4 5 MoreList of Unclassifed Manufacturers
74ACT8258-Bit D-Type Flip-Flop 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl