Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS996 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74ALS996
Description  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALS996 Datasheet(HTML) 7 Page - Texas Instruments

  74ALS996 Datasheet HTML 1Page - Texas Instruments 74ALS996 Datasheet HTML 2Page - Texas Instruments 74ALS996 Datasheet HTML 3Page - Texas Instruments 74ALS996 Datasheet HTML 4Page - Texas Instruments 74ALS996 Datasheet HTML 5Page - Texas Instruments 74ALS996 Datasheet HTML 6Page - Texas Instruments 74ALS996 Datasheet HTML 7Page - Texas Instruments 74ALS996 Datasheet HTML 8Page - Texas Instruments 74ALS996 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54ALS996, SN74ALS996
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SDAS098B – OCTOBER 1984 – REVISED JANUARY 1995
2–7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT FOR Q OUTPUTS
From Output
Under Test
Test
Point
500
S1
CL
(see Note A)
7 V
500
LOAD CIRCUIT FOR D OUTPUTS
From Output
Under Test
Test
Point
1 k
S1
CL
(see Note A)
7 V
1 k
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
1.3 V
1.3 V
tPHZ
tPLZ
0.3 V
tPZL
tPZH
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
0.3 V
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note C)
Waveform 2
S1 Open
(see Note C)
[0 V
VOH
VOL
[3.5 V
0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
tPHL
tPLH
tPLH
tPHL
Input
Out-of-Phase
Output
(see Note B)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
0.3 V
VOL
VOH
VOH
VOL
In-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
NOTES: A. CL includes probe and jig capacitance.
B. When measuring propagation delay times of 3-state outputs, switch S1 is open.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
Figure 1. Load Circuits and Voltage Waveforms


Similar Part No. - 74ALS996

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74ALS93 SS-74ALS93 Datasheet
412Kb / 5P
   Advanced Low Power Schottky Logic
More results

Similar Description - 74ALS996

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS996 TI1-SN54ALS996_15 Datasheet
673Kb / 17P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS990 TI1-SN74ALS990_16 Datasheet
837Kb / 14P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
logo
National Semiconductor ...
DM74ALS996 NSC-DM74ALS996 Datasheet
225Kb / 5P
   Octal D-Type Edge-Triggered Readback Latches
logo
Texas Instruments
SN74ALS994 TI-SN74ALS994 Datasheet
102Kb / 7P
[Old version datasheet]   10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74LS373 TI-SN74LS373_07 Datasheet
694Kb / 28P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54BCT374 TI-SN54BCT374_07 Datasheet
565Kb / 17P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74S374 TI-SN74S374 Datasheet
242Kb / 10P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com