Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALVTH16821WD Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54ALVTH16821WD
Description  2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALVTH16821WD Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54ALVTH16821WD Datasheet HTML 3Page - Texas Instruments SN54ALVTH16821WD Datasheet HTML 4Page - Texas Instruments SN54ALVTH16821WD Datasheet HTML 5Page - Texas Instruments SN54ALVTH16821WD Datasheet HTML 6Page - Texas Instruments SN54ALVTH16821WD Datasheet HTML 7Page - Texas Instruments SN54ALVTH16821WD Datasheet HTML 8Page - Texas Instruments SN54ALVTH16821WD Datasheet HTML 9Page - Texas Instruments SN54ALVTH16821WD Datasheet HTML 10Page - Texas Instruments SN54ALVTH16821WD Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN54ALVTH16821, SN74ALVTH16821
2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCES078E – JULY 1996 – REVISED JANUARY 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
SN54ALVTH16821
SN74ALVTH16821
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
150
150
MHz
tw
Pulse duration, CLK high or low
1.6
1.5
ns
t
Setup time data before CLK
Data high
1.6
1.5
ns
tsu
Setup time, data before CLK
Data low
2.1
2
ns
th
Hold time data after CLK
Data high
0.4
0.3
ns
th
Hold time, data after CLK
Data low
1.1
1
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 2)
SN54ALVTH16821
SN74ALVTH16821
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
150
150
MHz
tw
Pulse duration, CLK high or low
1.6
1.5
ns
t
Setup time data before CLK
Data high
1.6
1.5
ns
tsu
Setup time, data before CLK
Data low
1.6
1.5
ns
th
Hold time data after CLK
Data high
1.1
1
ns
th
Hold time, data after CLK
Data low
1.1
1
ns
switching characteristics over recommended operating free-air temperature range, CL = 30 pF,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ALVTH16821
SN74ALVTH16821
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
CLK
Q
1
4.2
1
4.1
ns
tPHL
CLK
Q
1
4.5
1
4.4
ns
tPZH
OE
Q
1.5
4.7
1.5
4.6
ns
tPZL
OE
Q
1
4.2
1
4.1
ns
tPHZ
OE
Q
1.5
4.6
1.5
4.5
ns
tPLZ
OE
Q
1
5
1
4.9
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
SN54ALVTH16821
SN74ALVTH16821
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
CLK
Q
1
3.6
1
3.5
ns
tPHL
CLK
Q
1
3.6
1
3.5
ns
tPZH
OE
Q
1
4.2
1
4.1
ns
tPZL
OE
Q
1
3.7
1
3.6
ns
tPHZ
OE
Q
1
4.9
1
4.8
ns
tPLZ
OE
Q
1
4.8
1
4.6
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ALVTH16821WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH16821 TI1-SN54ALVTH16821 Datasheet
467Kb / 17P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH16821 TI1-SN54ALVTH16821_08 Datasheet
467Kb / 17P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ALVTH16821WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH16821 TI1-SN54ALVTH16821_08 Datasheet
467Kb / 17P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162821 HITACHI-HD74ALVCH162821 Datasheet
56Kb / 12P
   3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
HD74ALVCH16821 HITACHI-HD74ALVCH16821 Datasheet
51Kb / 12P
   3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
HD74ALVCH162721 HITACHI-HD74ALVCH162721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16721 RENESAS-HD74ALVCH16721 Datasheet
241Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
HD74ALVCH162721 RENESAS-HD74ALVCH162721 Datasheet
251Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCH16721 HITACHI-HD74ALVCH16721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16821 TI-SN74ALVCH16821 Datasheet
134Kb / 10P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16821 TI1-SN74ALVC16821 Datasheet
192Kb / 11P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16821 TI-SN74ALVCH16821_08 Datasheet
312Kb / 12P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com