Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

505PHB330K2H Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 505PHB330K2H
Description  Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

505PHB330K2H Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  505PHB330K2H Datasheet HTML 1Page - Illinois Capacitor, Inc. 505PHB330K2H Datasheet HTML 2Page - Illinois Capacitor, Inc. 505PHB330K2H Datasheet HTML 3Page - Illinois Capacitor, Inc. 505PHB330K2H Datasheet HTML 4Page - Illinois Capacitor, Inc. 505PHB330K2H Datasheet HTML 5Page - Illinois Capacitor, Inc. 505PHB330K2H Datasheet HTML 6Page - Illinois Capacitor, Inc. 505PHB330K2H Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
STANDARD PART LISTING
PHB
+85°C Metallized
Polypropylene Capacitor
5
400
505PHB400K2J
40
12
3.5
42.5x30x22
5
600
505PHB600K2J
55
12
3.1
42.5x37x28
5
700
505PHB700K2J
70
12
2.9
42.5x45x30
5.6
850
565PHB850K2R
110
12
2.5
57.5x50x35
6
700
605PHB700K2R
40
12
4.8
57.5x45x30
6
850
605PHB850K2R
110
12
2.4
57.5x50x35
6.8
250
685PHB250K2H
40
12
2.8
32x33x18
6.8
330
685PHB330K2H
45
12
2.6
32x37x22
6.8
330
685PHB330K2J
30
12
3.3
42.5x28x17
6.8
400
685PHB400K2J
40
12
3
42.5x30x22
6.8
600
685PHB600K2J
55
12
2.8
42.5x45x30
6.8
700
685PHB700K2R
40
12
4.5
57.5x45x30
8
700
805PHB700K2R
40
12
4.2
57.5x50x35
9
600
905PHB600K2J
55
12
2.6
42.5x45x30
9
700
905PHB700K2R
40
12
3.9
57.5x50x35
10
250
106PHB250K2H
40
12
2.3
32x33x18
10
250
106PHB250K2J
25
12
3.3
42.5x28x17
10
400
106PHB400K2J
40
12
2.6
42.5x37x28
10
600
106PHB600K2R
30
12
4.4
57.5x45x30
15
250
156PHB250K2J
25
12
2.7
42.5x30x22
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(V/µs)
L x H x T
(mm)
Typical
ESR m
100kHz,
+25°C
Maximum RMS
Ripple Current
(A)
100kHz,+70°C
15
330
156PHB330K2J
30
12
2.5
42.5x37x28
15
400
156PHB400K2J
40
12
2.3
42.5x45x30
15
600
156PHB600K2R
30
12
3.7
57.5x50x35
20
250
206PHB250K2J
25
12
2.4
42.5x37x28
20
330
206PHB330K2J
30
12
2.3
42.5x45x30
20
400
206PHB400K2R
20
12
3.5
57.5x45x30
22
250
226PHB250K2J
25
12
2.4
42.5x37x28
22
400
226PHB400K2R
20
12
3.4
57.5x50x35
25
250
256PHB250K2J
25
12
2.3
42.5x37x28
25
330
256PHB330K2R
17
12
3.8
57.5x45x30
25
400
256PHB400K2R
20
12
3.2
57.5x50x35
30
250
306PHB250K2J
25
12
2.2
42.5x45x30
30
330
306PHB330K2R
17
12
3.5
57.5x45x30
33
250
336PHB250K2J
25
12
2.2
42.5x45x30
33
330
336PHB330K2R
17
12
3.3
57.5x50x35
35
330
356PHB330K2R
17
12
3.2
57.5x50x35
40
250
406PHB250K2R
15
12
3.1
57.5x45x30
40
330
406PHB330K2R
17
12
3
57.5x50x35
50
250
506PHB250K2R
15
12
2.8
57.5x50x35
60
250
606PHB250K2R
15
12
2.6
57.5x50x35
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(V/µs)
L x H x T
(mm)
Typical
ESR m
100kHz,
+25°C
Maximum RMS
Ripple Current
(A)
100kHz,+70°C
2 Lead Construction
199


Similar Part No. - 505PHB330K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505PHB330K2H ILLINOISCAPACITOR-505PHB330K2H Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
More results

Similar Description - 505PHB330K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com