Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGM1264K Datasheet(PDF) 5 Page - ZETTLER Electronics

Part # AGM1264K
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AGM1264K Datasheet(HTML) 5 Page - ZETTLER Electronics

  AGM1264K Datasheet HTML 1Page - ZETTLER Electronics AGM1264K Datasheet HTML 2Page - ZETTLER Electronics AGM1264K Datasheet HTML 3Page - ZETTLER Electronics AGM1264K Datasheet HTML 4Page - ZETTLER Electronics AGM1264K Datasheet HTML 5Page - ZETTLER Electronics AGM1264K Datasheet HTML 6Page - ZETTLER Electronics AGM1264K Datasheet HTML 7Page - ZETTLER Electronics AGM1264K Datasheet HTML 8Page - ZETTLER Electronics AGM1264K Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AGM1264K SERIES GRAPHIC MODULE VER1.2
2.0 MECHANICAL SPECS
1. Overall Module Size
78.0mm(W) x 70.0mm(H) x max 13.0mm(D) for LED backlight
version
2. Dot Size
0.39mm(W) x 0.55mm(H)
3. Dot Pitch
0.44mm(W) x 0.60mm(H)
4. Duty
1/64
5. Controller IC
S6B0108 or EQUI
6. LC Fluid Options
STN
7. Polarizer Options
Reflective,transflective,Transmissive
8. Backlight Options
LED
9. Temperature Range Options
-20ºC ~ 70ºC
10. Temperature Range Storage
-30ºC ~ 80ºC
3.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature (Standard)
Top
0
-
50
ºC
Storage temperature (Standard)
Tst
-10
-
60
ºC
Operating temperature (Wide temperature)
Top
-20
-
70
ºC
Storage temperature (Wide temperature)
Tst
-30
-
80
ºC
Input voltage
Vin
Vss
Vdd
V
Supply voltage for logic
Vdd- Vss
-0.3
-
6.0
V
Supply voltage for LCD drive
Vdd- Vo
-
17.0
V
4.0 ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min
Typ
Max
Unit
Input voltage (high)
Vih
H level
3.5
-
Vdd
V
Input voltage (low)
Vil
L level
0
-
1.5
V
-20ºC
-
12.0
25ºC
-
9.7
-
Recommended LC Driving
Voltage (Wide Temp)
Vdd -Vo
70ºC
9.0
-
V
Power Supply Current
Idd
Vdd=5.0V
-
-
15.0
mA
LED Power Supply Voltage
(VLED+)-(VLED-)
Ifled =440mA-
-
5.0
-
V
LED Power Supply Current
Ifled
-
-
360
440
mA
5.0 OPTICAL CHARACTERISTICS
DISPLAYTRONIC XIAMEN ZETTLER ELECTRONICS CO., LTD.
4


Similar Part No. - AGM1264K

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1264K AZDISPLAYS-AGM1264K Datasheet
931Kb / 13P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM1264K-FN-FBS AZDISPLAYS-AGM1264K-FN-FBS Datasheet
195Kb / 1P
   STANDARD CHIP-ON-GLASS DISPLAYS
More results

Similar Description - AGM1264K

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com