Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGM1612B Datasheet(PDF) 7 Page - ZETTLER Electronics

Part # AGM1612B
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AGM1612B Datasheet(HTML) 7 Page - ZETTLER Electronics

Back Button AGM1612B Datasheet HTML 3Page - ZETTLER Electronics AGM1612B Datasheet HTML 4Page - ZETTLER Electronics AGM1612B Datasheet HTML 5Page - ZETTLER Electronics AGM1612B Datasheet HTML 6Page - ZETTLER Electronics AGM1612B Datasheet HTML 7Page - ZETTLER Electronics AGM1612B Datasheet HTML 8Page - ZETTLER Electronics AGM1612B Datasheet HTML 9Page - ZETTLER Electronics AGM1612B Datasheet HTML 10Page - ZETTLER Electronics AGM1612B Datasheet HTML 11Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AGM1612B-FLW-FBW GRAPHIC MODULE VER2.0
DISPLAYTRONIC XIAMEN ZETTLER ELECTRONICS CO., LTD.
6
7.0
PIN ASSIGNMENT
Pin No.
Symbol
Function
1
FG
Frame Ground
2
VSS
Ground
3
VDD
+5V
4
VADJ
Power supply for LCD driving
5
VEE
NEGATIVE VOLTAGE SUPPLY
6
/WR
WRITE SIGNAL
7
/RD
READ SIGNAL
8
/CE
Chip Enable
9
C/D
Command/Data
10
/HALT
11
/RESET
Reset
12
DB0
Data bit 0
13
DB1
Data bit 1
14
DB2
Data bit 2
15
DB3
Data bit 3
16
DB4
Data bit 4
17
DB5
Data bit 5
18
DB6
Data bit 6
19
DB7
Data bit 7
20
NC
NO CONNECTION
A
3.2V
K
0V
8.0
APPLICATION
P0
DB0-DB7
P3.0
WR
RD
C/D
/WR
/RD
RST
/RESET
VADJ
VSS
P2
DECODE
/CE
VEE


Similar Part No. - AGM1612B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1616A AZDISPLAYS-AGM1616A Datasheet
155Kb / 12P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM1616B AZDISPLAYS-AGM1616B Datasheet
486Kb / 14P
   LCD MODULE
AGM1616C AZDISPLAYS-AGM1616C Datasheet
2Mb / 12P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - AGM1612B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com