Electronic Components Datasheet Search |
|
FTR-1631-46 Datasheet(PDF) 4 Page - Finisar Corporation. |
|
FTR-1631-46 Datasheet(HTML) 4 Page - Finisar Corporation. |
4 / 10 page FTR-1631-XX DWDM GBIC Preliminary Product Specification F i n i s a r © Finisar Corporation PRELIMINARY and Confidential Page 4 Rev J, August 2004 II. Electrical Power Interface The GBIC specification calls for a range of 4.75V to 5.25 volts as described in Table 2. The maximum voltage of 6V is not to be applied continuously. III. Low Speed Signals RX_LOS, TX_DISABLE, and TX_FAULT are TTL signals as described in Table 3. MOD_DEF(1) (SCL) and MOD_DEF(2) (SDA) are open drain CMOS signals (see section IX, “Serial Communication Protocol”). Both MOD_DEF(1) and MOD_DEF(2) must be pulled up to host_Vcc. For more detailed information, see sections 5.3.1 – 5.3.8 in the GBIC Specification Revision 5.5 1. Parameter Symbol Min Typ Max Units Notes/Conditions Supply Current Is 250 400 mA Inrush Current Isurge 30 mA =300 msec above steady state current Maximum Voltage Vmax 6 V Input Voltage Vcc 4.75 5.0 5.25 V Referenced to GND Table 2. Electrical Power Interface Parameter Symbol Min Max Units Notes/Conditions GBIC Output LOW VOL 0 0.5 V 4.7k to 10k pull-up to host_Vcc, measured at host side of connector GBIC Output HIGH VOH host_Vcc - 0.5 host_Vcc + 0.3 V 4.7k to 10k pull-up to host_Vcc, measured at host side of connector GBIC Input LOW VIL 0 0.8 V 4.7k to 10k pull-up to Vcc, measured at GBIC side of connector GBIC Input HIGH VIH 2 Vcc + 0.3 V 4.7k to 10k pull-up to Vcc, measured at GBIC side of connector Table 3. Low Speed Signals – Electronic Characteristics |
Similar Part No. - FTR-1631-46 |
|
Similar Description - FTR-1631-46 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |