Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-1419 Datasheet(PDF) 8 Page - Finisar Corporation.

Part # FTR-1419
Description  40km Extended GBIC Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1419 Datasheet(HTML) 8 Page - Finisar Corporation.

  FTR-1419 Datasheet HTML 1Page - Finisar Corporation. FTR-1419 Datasheet HTML 2Page - Finisar Corporation. FTR-1419 Datasheet HTML 3Page - Finisar Corporation. FTR-1419 Datasheet HTML 4Page - Finisar Corporation. FTR-1419 Datasheet HTML 5Page - Finisar Corporation. FTR-1419 Datasheet HTML 6Page - Finisar Corporation. FTR-1419 Datasheet HTML 7Page - Finisar Corporation. FTR-1419 Datasheet HTML 8Page - Finisar Corporation. FTR-1419 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FTR-1419 40km Extended GBIC Product Specification – November 2007
IX. Mechanical Specifications
Finisar GBICs are compatible with the mechanical specifications outlined in the GBIC
Specification Revision 5.4, Section 6
1.
Insertion, Extraction, and
Retention Forces
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
GBIC insertion
F
0
20
Newtons
~4.5 lbs
I
GBIC extraction
F
0
15
Newtons
~3.3 lbs
E
GBIC retention
F
130
N/A
Newtons
Straight out ~29.3 lbs
R
Table 10. Insertion, extraction, and retention forces
Figure 1. GBIC outline drawing
1550 nm
FTR-1419
© Finisar Corporation November 16, 2007 Rev.G1
Page 8


Similar Part No. - FTR-1419

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
FTR-14-T ADAM-TECH-FTR-14-T Datasheet
121Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
More results

Similar Description - FTR-1419

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL-1419-3D FINISAR-FTL-1419-3D Datasheet
171Kb / 9P
   RoHS Compliant 40km Extended Reach GBIC Transceiver
FTR-1519-V2 FINISAR-FTR-1519-V2 Datasheet
159Kb / 8P
   80km Extended GBIC Transceiver
FTR-1621T-47 FINISAR-FTR-1621T-47 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FTL-1519-3D FINISAR-FTL-1519-3D Datasheet
246Kb / 9P
   RoHS Compliant 80km Extended Reach GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com