Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-1619-51 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTR-1619-51
Description  WDM Gigabit GBIC Transceiver with APD Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1619-51 Datasheet(HTML) 1 Page - Finisar Corporation.

  FTR-1619-51 Datasheet HTML 1Page - Finisar Corporation. FTR-1619-51 Datasheet HTML 2Page - Finisar Corporation. FTR-1619-51 Datasheet HTML 3Page - Finisar Corporation. FTR-1619-51 Datasheet HTML 4Page - Finisar Corporation. FTR-1619-51 Datasheet HTML 5Page - Finisar Corporation. FTR-1619-51 Datasheet HTML 6Page - Finisar Corporation. FTR-1619-51 Datasheet HTML 7Page - Finisar Corporation. FTR-1619-51 Datasheet HTML 8Page - Finisar Corporation. FTR-1619-51 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
F i n i s a r
© Finisar Corporation Apr-02 – Rev.J
Page 1
Product Specification
WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-XX
PRODUCT FEATURES
• Up to 1.25 Gb/s bi-directional
data links
• Extended link budget of 30dB
with APD receiver technology
• Standard GBIC footprint
• Uncooled CWDM-rated DFB
laser transmitter
• Class 1 laser safety
• Very low jitter
• Metal enclosure for lower EMI
• Extended voltage range
• Low power dissipation
• Extended operating temperature
range: 0°C to 70°C
APPLICATIONS
• Metro Access Rings and Point-
to-Point
• Gigabit Ethernet
• SANs
Finisar’s FTR-1619-XX WDM GBIC transceivers comply with GBIC Specification
Revision 5.4
1*. They are compatible with the Gigabit Ethernet standard as specified in
IEEE Std 802.3
2* and single rate Fibre Channel FC-PH, PH2, PH33*. The fiber link
budget has been enhanced to 30dB with Avalanche Photo Diode (APD) receiver.
Additional real time diagnostic functions are also available via the 2-wire serial bus
specified for Module Definition “4” GBICs. For details, see Finisar Application Note
AN-2030, “Digital Diagnostic Monitoring Interface for SFP Optical Transceivers”
4.
Even with all of these innovative features, the transceiver is still compliant with the
mechanical and electrical interfaces defined in the GBIC interoperability standard.


Similar Part No. - FTR-1619-51

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-49 FINISAR-FTR-1621-49 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-51 FINISAR-FTR-1621-51 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-53 FINISAR-FTR-1621-53 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-55 FINISAR-FTR-1621-55 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
More results

Similar Description - FTR-1619-51

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTL-161947 FINISAR-FTL-161947 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FWLF16197D FINISAR-FWLF16197D Datasheet
552Kb / 10P
   WDM SFP Transceiver with APD Receiver
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FWDM-1619-7D-47 FINISAR-FWDM-1619-7D-47 Datasheet
417Kb / 10P
   WDM SFP Transceiver with APD Receiver
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Molex Electronics Ltd.
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
logo
Delta Electronics, Inc.
GBIC-1250B5LS DELTA-GBIC-1250B5LS Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250A3FR DELTA-GBIC-1250A3FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com